| Electronic Components Datasheet Search |
|
TLK2501IRCPR Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLK2501IRCPR Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 31 page ![]() TLK2501 1.5 TO 2.5 GBPS TRANSCEIVER SLLS427D − AUGUST 2000 − REVISED JULY 2003 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 synchronization and initialization (continued) If during normal transmission and reception, an invalid code is received, the TLK2501 notifies the attached system or protocol device as described in comma detect and 8-bit/10-bit decoding. The synchronization state machine transitions to the CHECK state. The CHECK state determines whether the invalid code received was caused by a spurious event or a loss of the link. If, in the CHECK state, the decoder sees 4 consecutive valid codes, the state machine determines the link is good and transitions back to the SYNC state for normal operation. If, in the CHECK state, the decoder sees 3 invalid codes (not required to be consecutive), the TLK2501 determines a loss of the link has occurred and transition the synchronization-state machine back to the link-acquisition state (ACQ). The state of the transmit data bus, control terminals, and serial outputs during the link acquisition process is illustrated in Figure 7. ACQ D0−D15 DOUTTXP, DOUTTXN TXD(0−15) TX_ER Ca. Ext. Error IDLE SYNC TX_EN D0−D15 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx Figure 7. Transmit Side Timing Diagram The state of the receive data bus, status terminals, and serial inputs during the link acquisition process is illustrated in Figure 8 and Figure 9. ACQ RX_DV, RXD(0−15) SYNC DINRXP, D0−D15 IDLE or Carrier Extend IDLE or Carrier Extend IDLE or Carrier Extend DINRXN D0−D15 IDLE or Carrier Extend IDLE or Carrier Extend XXXXXXXXXXXXXXXXXXX RESET (Internal Signal) RX_ER Figure 8. Receive Side Timing Diagram (Idle or Carrier Extend) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |