Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2501IRCPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501IRCPR
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2501IRCPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLK2501IRCPR Datasheet HTML 15Page - Texas Instruments TLK2501IRCPR Datasheet HTML 16Page - Texas Instruments TLK2501IRCPR Datasheet HTML 17Page - Texas Instruments TLK2501IRCPR Datasheet HTML 18Page - Texas Instruments TLK2501IRCPR Datasheet HTML 19Page - Texas Instruments TLK2501IRCPR Datasheet HTML 20Page - Texas Instruments TLK2501IRCPR Datasheet HTML 21Page - Texas Instruments TLK2501IRCPR Datasheet HTML 22Page - Texas Instruments TLK2501IRCPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
RXD6
GND
RXD7
RX_CLK
RXD8
RXD9
VDD
RXD10
RXD11
RXD12
RXD13
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TXD3
TXD4
TXD5
GND
TXD6
TXD7
GTX_CLK
VDD
TXD8
TXD9
TXD10
GND
TXD11
TXD12
TXD13
63 62 61 60 59
64
58
56 55 54
57
53 52 51 50 49
0.01
µF
Rt
Vt
Rt
Rt
Rt
1 nF − 10 nF
5
Ω at 100 MHz
Vt
0.01
µF
0.01
µF
VDD
VDDA
0.01
µF
200
Ω
810
Ω
Recommended use of 0.01
µF
Capacitor per VDD terminal
1 nF − 10 nF
VDD
VDD
RXD3
RXD4
RXD5
0.01
µF
1 nF − 10 nF
1 nF − 10 nF
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Figure 13. External Component Interconnection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com