Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2501IRCPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501IRCPR
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2501IRCPR Datasheet(HTML) 5 Page - Texas Instruments

  TLK2501IRCPR Datasheet HTML 1Page - Texas Instruments TLK2501IRCPR Datasheet HTML 2Page - Texas Instruments TLK2501IRCPR Datasheet HTML 3Page - Texas Instruments TLK2501IRCPR Datasheet HTML 4Page - Texas Instruments TLK2501IRCPR Datasheet HTML 5Page - Texas Instruments TLK2501IRCPR Datasheet HTML 6Page - Texas Instruments TLK2501IRCPR Datasheet HTML 7Page - Texas Instruments TLK2501IRCPR Datasheet HTML 8Page - Texas Instruments TLK2501IRCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
DINRXN
DINRXP
53
54
I
Serial receive inputs. DINRXP and DINRXN together are the differential serial input interface from a
copper or an optical I/F module.
DOUTTXN
DOUTTXP
59
60
O†
Serial transmit outputs. DOUTTXP and DOUTTXN are differential serial outputs that interface to copper
or an optical I/F module. These terminals transmit NRZ data at a rate of 20 times the GTX_CLK value.
DOUTTXP and DOUTTXN are put in a high-impedance state when LOOPEN is high and are active when
LOOPEN is low. During power-on reset these terminals are high impedance.
ENABLE
24
I
Device enable. When this terminal is held low, the device is placed in power-down mode. Only the signal
detect circuit on the serial receive pair is active. When asserted high while the device is in power-down
mode, the transceiver goes into power-on reset before beginning normal operation.
GND
5, 13,
18, 28,
33, 43
Digital logic ground. Provides a ground for the logic circuits and digital I/O buffers.
GNDA
52, 58,
61
Analog ground. GNDA provides a ground reference for the high-speed analog circuits, RX and TX.
GTX_CLK
8
I‡
Reference clock. GTX_CLK is a continuous external input clock that synchronizes the transmitter interface
signals TX_EN, TX_ER and TXD. The frequency range of GTX_CLK is 75 MHz to 125 MHz. The
transmitter uses the rising edge of this clock to register the 16-bit input data (TXD) for serialization.
LCKREFN
25
I‡
Lock to reference. When LCKREFN is low, the receiver clock is frequency locked to GTX_CLK. This
places the device in a transmit only mode since the receiver is not tracking the data. When LCKREFN is
asserted low, the receive data bus terminals, RXD[0:15], RX_CLK and RX_ER, RX_DV/LOS are in a
high-impedance state.
When LCKREFN is deasserted high, the receiver is locked to the received data stream and must receive
valid codes from the synchronization state machine before the transmitter is enabled.
LOOPEN
21
I§
Loop enable. When LOOPEN is active high, the internal loopback path is activated. The transmitted serial
data is directly routed internally to the inputs of the receiver. This provides a self-test capability in
conjunction with the protocol device. The DOUTTXP and DOUTTXN outputs are held in a high-impedance
state during the loopback test. LOOPEN is held low during standard operational state with external serial
outputs and inputs active.
PRBSEN
26
I
PRBS test enable. When asserted high results of pseudorandom bit stream (PRBS) tests can be
monitored on the RX_ER/PRBS_PASS terminal. A high on PRBS_PASS indicates that valid PRBS is
being received.
RREF
56
I
Reference resistor. The RREF terminal is used to connect to an external reference resistor. The other side
of the resistor is connected to analog VDD. The resistor is used to provide an accurate current reference
to the transmitter circuitry.
RXD0
RXD1
RXD2
RXD3
RXD4
RXD5
RXD6
RXD7
RXD8
RXD9
RXD10
RXD11
RXD12
RXD13
RXD14
RXD15
51
50
49
47
46
45
44
42
40
39
37
36
35
34
32
31
O†
Receive data bus. These outputs carry 16-bit parallel data output from the transceiver to the protocol
device, synchronized to RX_CLK. The data is valid on the rising edge of RX_CLK as shown in Figure 11.
These terminals are in high-impedance state during power-on reset.
† High-impedance during power on reset
‡ Internal pullup
§ Internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com