Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2501IRCPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501IRCPR
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2501IRCPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLK2501IRCPR Datasheet HTML 13Page - Texas Instruments TLK2501IRCPR Datasheet HTML 14Page - Texas Instruments TLK2501IRCPR Datasheet HTML 15Page - Texas Instruments TLK2501IRCPR Datasheet HTML 16Page - Texas Instruments TLK2501IRCPR Datasheet HTML 17Page - Texas Instruments TLK2501IRCPR Datasheet HTML 18Page - Texas Instruments TLK2501IRCPR Datasheet HTML 19Page - Texas Instruments TLK2501IRCPR Datasheet HTML 20Page - Texas Instruments TLK2501IRCPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitter/receiver characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
V(ODp)
Vodp = |VTXP−VTXN|,
preemphasis VOD, direct
840
1050
1260
mV
VOD(pp_P)
Differential, peak-to-peak output voltage
with preemphasis
Rt = 50 Ω, RREF = 200 Ω, dc-coupled,
1680
2100
2520
mVp-p
VOD(d)
Vodd = |VTXP−VTXN|,
deemphasis VOD, direct
Rt = 50 Ω, RREF = 200 Ω, dc-coupled,
See Figure 12
760
950
1140
mV
VOD(pp_d)
Differential, peak-to-peak output voltage
with deemphasis
1520
1900
2280
mVp-p
V(term)
Transmit termination voltage range
Rt = 50 Ω, dc coupled, See Figure 15
VDD
mV
V(term)
Transmit termination voltage range
Rt = 50 Ω, ac coupled, See Figure 16
1500
VDD−VID/2
mV
VID
Differential receiver input voltage
requirement, VID=|VRXP − V RXN|
200
mV
V(cmr)
Receiver common mode voltage range,
(VRXP + VRXN)/2
1500
VDD−VID/2
mV
Ilkg(R)
Receiver input leakage current
−10
10
µA
CI
Receiver input capacitance
2
pF
Serial data total jitter (peak-to-peak)
Differential output jitter at 2.5 Gbps,
random + deterministic, PRBS pattern
0.15
UI†
Serial data total jitter (peak-to-peak)
Differential output jitter at 1.5 Gbps,
random + deterministic, PRBS pattern
0.15
UI†
tr, tf
Differential output signal rise, fall time
(20% to 80%)
RL = 50 Ω, CL = 5 pF, See Figure 12
100
150
ps
Jitter tolerance
Differential input jitter, random +
determinisitc, PRBS pattern at zero
crossing
0.60
UI†
td(Tx latency)
Tx latency
See Figure 3
34
38
bits
td(Rx latency) Rx latency
See Figure 5
76
107
bits
† UI is the time interval of one serialized bit.
V(ODd)
V(ODp)
V(term)
V(ODp)
V(ODd)
Bit
Time
Bit
Time
tr
tf
VOD(pp_d)
VOD(pp_p)
Figure 12. Differential and Common-Mode Output Voltage Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com