Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2501IRCPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501IRCPR
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2501IRCPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLK2501IRCPR Datasheet HTML 19Page - Texas Instruments TLK2501IRCPR Datasheet HTML 20Page - Texas Instruments TLK2501IRCPR Datasheet HTML 21Page - Texas Instruments TLK2501IRCPR Datasheet HTML 22Page - Texas Instruments TLK2501IRCPR Datasheet HTML 23Page - Texas Instruments TLK2501IRCPR Datasheet HTML 24Page - Texas Instruments TLK2501IRCPR Datasheet HTML 25Page - Texas Instruments TLK2501IRCPR Datasheet HTML 26Page - Texas Instruments TLK2501IRCPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
designing with PowerPAD
The TLK2501 is housed in a high-performance, thermally enhanced, 64-pin VQFP (RCP64) PowerPAD
package. Use of the PowerPAD package does not require any special considerations except to note that the
PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. Therefore, if not implementing PowerPAD PCB features, the use of solder masks (or other assembly
techniques) may be required to prevent any inadvertent shorting by the exposed PowerPAD to connection
etches or vias under the package. It is strongly recommended that the PowerPAD be soldered to the thermal
land. The recommended convention, however, is to not run any etches or signal vias under the device, but to
have only a grounded thermal land as explained below. Although the actual size of the exposed die pad may
vary, the minimum size required for the keep-out area for the 64-pin PFP PowerPAD package is 8 mm X 8 mm.
It is recommended that there be a thermal land, which is an area of solder-tinned-copper, underneath the
PowerPAD package. The thermal land varies in size depending on the PowerPAD package being used, the PCB
construction, and the amount of heat that needs to be removed. In addition, the thermal land may or may not
contain numerous thermal vias depending on PCB construction.
Other requirements for thermal lands and thermal vias are detailed in the TI application note PowerPAD
Thermally Enhanced Package Application Report, TI literature number SLMA002, available via the TI Web
pages beginning at URL: http://www.ti.com.
Figure 17. Example of a Thermal Land
For the TLK2501, this thermal land should be grounded to the low-impedance ground plane of the device. This
improves not only thermal performance but also the electrical grounding of the device. It is also recommended
that the device ground terminal landing pads be connected directly to the grounded thermal land. The land size
should be as large as possible without shorting device signal terminals. The thermal land may be soldered to
the exposed PowerPAD using standard reflow soldering techniques.
While the thermal land may be electrically floated and configured to remove heat to an external heat sink, it is
recommended that the thermal land be connected to the low impedance ground plane for the device. More
information may be obtained from the TI application note PHY Layout, TI literature number SLLA020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com