Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152RC Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32L152RC
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152RC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32L152RC Datasheet HTML 51Page - STMicroelectronics STM32L152RC Datasheet HTML 52Page - STMicroelectronics STM32L152RC Datasheet HTML 53Page - STMicroelectronics STM32L152RC Datasheet HTML 54Page - STMicroelectronics STM32L152RC Datasheet HTML 55Page - STMicroelectronics STM32L152RC Datasheet HTML 56Page - STMicroelectronics STM32L152RC Datasheet HTML 57Page - STMicroelectronics STM32L152RC Datasheet HTML 58Page - STMicroelectronics STM32L152RC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 136 page
background image
STM32L151xC STM32L152xC
Memory mapping
Doc ID 022799 Rev 3
55/136
5
Memory mapping
Figure 12.
Memory map
reserved
CRC
TIM2
Reserve d
TIM3
TIM4
RTC
WWDG
IWDG
SPI2
USART2
USART3
SYSCFG
TIM9
TIM11
rese rve d
ADC
USART1
reserved
SPI3
SPI1
I2C1
PWR
TIM10
I2C2
reserved
EXTI
reserved
RCC
Flash Interf ace
reserved
DMA2
USB Reg isters
0
1
2
3
4
5
6
7
Peripherals
SRAM
o
C rtex- M3 Internal
Peripherals
MS18582V2
512 byte USB
TIM6
TIM7
LCD
TIM5
0x4000 1000
0x4000 1400
0x4000 2400
0x4000 1C00
DAC1 & 2
0x4000 7800
Port A
Port B
Port C
Port D
Port E
Port H
Port F
0x4002 1C00
0x4002 1800
0x4002 1400
0x4002 1000
0x4002 0C00
0x4002 0800
0x4002 0400
COMP + RI
Flash memory
System memory
Aliased to Flash or system
memory depending on
BOOT pins
Data EEPROM
reserved
reserved
Port G
reserved
reserved
reserved
Non-
volatile
memory
reserved
Option byte
reserved
reserved
reserved
reserved
reserved
reserved
DMA1
0x4002 67FF
0x4002 6400
0x4002 6000
0x4002 4000
0x4002 3C00
0x4002 3800
0x4002 3400
0x4002 3000
0x4002 2000
0x4002 0000
0x4001 3C00
0x4001 3800
0x4001 3400
0x4001 3000
0x4001 2800
0x4001 2400
0x4001 1400
0x4001 1000
0x4001 0C00
0x4001 0800
0x4001 0400
0x4001 0000
0x4000 8000
0x4000 7C00
0x4000 7400
0x4000 7000
0x4000 6400
0x4000 6000
0x4000 5C00
0x4000 5800
0x4000 5400
0x4000 4C00
0x4000 4800
0x4000 4400
0x4000 4000
0x4000 3C00
0x4000 3800
0x4000 3400
0x4000 3000
0x4000 2C00
0x4000 2800
0x4000 0C00
0x4000 0800
0x4000 0400
0x4000 0000
0x1FF8 009F
0x1FF8 001F
0x1FF8 0000
0x1FF0 1FFF
0x1FF0 0000
0x0808 1FFF
0x0808 0000
0x0803 FFFF
0x0800 0000
0x0000 0000
0xFFFF FFFF
0xE010 0000
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com