Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152RC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L152RC
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152RC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L152RC Datasheet HTML 1Page - STMicroelectronics STM32L152RC Datasheet HTML 2Page - STMicroelectronics STM32L152RC Datasheet HTML 3Page - STMicroelectronics STM32L152RC Datasheet HTML 4Page - STMicroelectronics STM32L152RC Datasheet HTML 5Page - STMicroelectronics STM32L152RC Datasheet HTML 6Page - STMicroelectronics STM32L152RC Datasheet HTML 7Page - STMicroelectronics STM32L152RC Datasheet HTML 8Page - STMicroelectronics STM32L152RC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
This is information on a product in full production.
February 2013
Doc ID 022799 Rev 3
1/136
1
STM32L151xC STM32L152xC
Ultra-low-power 32-bit MCU ARM-based Cortex-M3,
256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
Datasheet
− production data
Features
■ Ultra-low-power platform
– 1.65 V to 3.6 V power supply
– -40 °C to 85 °C/105 °C temperature range
– 0.35µA Standby mode (3 wakeup pins)
– 1.3µA Standby mode + RTC
– 0.65 µA Stop mode (16 wakeup lines)
– 1.5 µA Stop mode + RTC
– 11 µA Low-power Run mode
– 238 µA/MHz Run mode
– 10 nA ultra-low I/O leakage
– 8 µs wakeup time
■ Core: ARM 32-bit Cortex™-M3 CPU
– From 32 kHz up to 32 MHz max
– 33.3 DMIPS peak (Dhrystone 2.1)
– Memory protection unit
■ Reset and supply management
– Low power, ultrasafe BOR (brownout reset)
with 5 selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
■ Clock sources
– 1 to 24 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– High Speed Internal 16 MHz factory-
trimmed RC (+/- 1%)
– Internal Low Power 37 kHz RC
– Internal multispeed low power 65 kHz to
4.2 MHz
– PLL for CPU clock and USB (48 MHz)
■ Pre-programmed bootloader
– USB and USART supported
■ Development support
– Serial wire debug supported
– JTAG and trace supported
■ Up to 116 fast I/Os (102 I/Os 5V tolerant), all
mappable on 16 external interrupt vectors
■ Memories
– 256 KB Flash with ECC
– 32 KB RAM
– 8 KB of true EEPROM with ECC
– 128 Byte Backup Register
■ LCD Driver for up to 8x40 segments
– Support contrast adjustment
– Support blinking mode
– Step-up converter on board
■ Rich analog peripherals (down to 1.8 V)
– 2x Operational Amplifier
– 12-bit ADC 1Msps up to 40 channels
– 12-bit DAC 2 channels with output buffers
– 2x Ultra-low-power-comparators
(window mode and wake up capability)
■ DMA controller 12x channels
■ 9x peripherals communication interface
– 1xUSB 2.0 (internal 48 MHz PLL)
–3xUSART
– 3xSPI 16 Mbits/s (2x SPI with I2S)
– 2xI2C (SMBus/PMBus)
■ 11x timers: 1x 32-bit, 6x 16-bit with up to 4
IC/OC/PWM channels, 2x 16-bit basic timer, 2x
watchdog timers (independent and window)
■ Up to 34 capacitive sensing channels
■ CRC calculation unit, 96-bit unique ID
Table 1.
Device summary
Reference
Part number
STM32L151xC
STM32L151CC, STM32L151QC, STM32L151RC,
STM32L151VC STM32L151ZC, STM32L151UC
STM32L152xC
STM32L152QC, STM32L152RC, STM32L152VC,
STM32L152ZC, STM32L152CC
LQFP144 (20 × 20 mm)
LQFP100 (14 × 14 mm)
LQFP64 (10 × 10 mm)
LQFP48 (7 x 7 mm)
UFBGA132 (7 × 7 mm)
UFBGA100 (7 x 7 mm)
WLCSP63
WLCSP64
UFQFPN48
(7 x 7 mm)
www.st.com


Similar Part No. - STM32L152RC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L152RC STMICROELECTRONICS-STM32L152RC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L152RC-A STMICROELECTRONICS-STM32L152RC-A Datasheet
1Mb / 134P
Ultra-low-power platform
18-Mar-2016
STM32L152RCT6 STMICROELECTRONICS-STM32L152RCT6 Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L152RCT6 STMICROELECTRONICS-STM32L152RCT6 Datasheet
2Mb / 136P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
August 2017
STM32L152RCT6A STMICROELECTRONICS-STM32L152RCT6A Datasheet
1Mb / 134P
Ultra-low-power platform
18-Mar-2016
More results

Similar Description - STM32L152RC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L151C8T6 STMICROELECTRONICS-STM32L151C8T6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L151XX STMICROELECTRONICS-STM32L151XX Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L151CBT6 STMICROELECTRONICS-STM32L151CBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L151VBT6 STMICROELECTRONICS-STM32L151VBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L151RBH6 STMICROELECTRONICS-STM32L151RBH6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L152C8T6 STMICROELECTRONICS-STM32L152C8T6 Datasheet
2Mb / 131P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
12-Nov-2013
STM32L151C6U6 STMICROELECTRONICS-STM32L151C6U6 Datasheet
2Mb / 131P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
12-Nov-2013
STM32L15XCC STMICROELECTRONICS-STM32L15XCC_V01 Datasheet
2Mb / 136P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
August 2017
STM32L151X6-A STMICROELECTRONICS-STM32L151X6-A Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32L151X6 STMICROELECTRONICS-STM32L151X6_V01 Datasheet
1Mb / 130P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com