Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152RC Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32L152RC
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152RC Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32L152RC Datasheet HTML 61Page - STMicroelectronics STM32L152RC Datasheet HTML 62Page - STMicroelectronics STM32L152RC Datasheet HTML 63Page - STMicroelectronics STM32L152RC Datasheet HTML 64Page - STMicroelectronics STM32L152RC Datasheet HTML 65Page - STMicroelectronics STM32L152RC Datasheet HTML 66Page - STMicroelectronics STM32L152RC Datasheet HTML 67Page - STMicroelectronics STM32L152RC Datasheet HTML 68Page - STMicroelectronics STM32L152RC Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
STM32L151xC STM32L152xC
Electrical characteristics
Doc ID 022799 Rev 3
65/136
Table 19.
Current consumption in Sleep mode
Symbol Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
55 °C 85 °C 105 °C
IDD
(Sleep)
Supply
current in
Sleep
mode,
code
executed
from RAM,
Flash
switched
OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
180
220
220
220
µA
2 MHz
225
300
300
300
4 MHz
300
380
380
380(3)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
360
500
500
500
8 MHz
570
700
700
700
16 MHz
990
1100
1100
1100
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
675
800
800
800
16 MHz
1150
1250
1250
1250
32 MHz
2300
2700
2700
2700
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
1025
1100
1100
1100
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
2460
2700
2700
2700
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
30
36
46
72
MSI clock, 524 kHz
524 kHz
50
58
67
92
MSI clock, 4.2 MHz
4.2 MHz
210
245
251
273
Supply
current in
Sleep
mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
190
250
250
250
µA
2 MHz
235
300
300
300
4 MHz
315
380
380
380
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
390
500
500
500
8 MHz
600
700
700
700
16 MHz
1000
1120
1120
1120
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
690
800
800
800
16 MHz
1160
1300
1300
1300
32 MHz
2310
2700
2700
2700
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
1040
1160
1160
1160
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
2500
2800
2800
2800
IDD
(Sleep)
Supply
current in
Sleep
mode,
code
executed
from Flash
MSI clock, 65 kHz
Range 3,
VCORE=1.2V
VOS[1:0] = 11
65 kHz
42
50
60
90
µA
MSI clock, 524 kHz
524 kHz
63
72
82
110
MSI clock, 4.2 MHz
4.2 MHz
230
263
265
290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com