Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152RC Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32L152RC
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152RC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32L152RC Datasheet HTML 60Page - STMicroelectronics STM32L152RC Datasheet HTML 61Page - STMicroelectronics STM32L152RC Datasheet HTML 62Page - STMicroelectronics STM32L152RC Datasheet HTML 63Page - STMicroelectronics STM32L152RC Datasheet HTML 64Page - STMicroelectronics STM32L152RC Datasheet HTML 65Page - STMicroelectronics STM32L152RC Datasheet HTML 66Page - STMicroelectronics STM32L152RC Datasheet HTML 67Page - STMicroelectronics STM32L152RC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 136 page
background image
Electrical characteristics
STM32L151xC STM32L152xC
64/136
Doc ID 022799 Rev 3
Table 18.
Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
55 °C 85 °C
105 °C
IDD
(Run
from
RAM)
Supply current
in Run mode,
code executed
from RAM,
Flash switched
off
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz
(PLL ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
310
470
470
470
µA
2 MHz
590
780
780
780
4 MHz
1030
1200
1200
1200(3)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
1.2
1.5
1.5
1.5
mA
8 MHz
2.3
3
3
3
16 MHz
4.3
5
5
5
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
2.7
3.5
3.5
3.5
16 MHz
5.0
5.55
5.55
5.55
32 MHz
9.8
10.9
10.9
10.9
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
4.3
4.8
4.8
4.8
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
10.1
11.7
11.7
11.7
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
40
48.5
63
100
µA
MSI clock, 524 kHz
524 kHz
148
175
183
215
MSI clock, 4.2 MHz
4.2 MHz
990
1032
1034
1100
1.
Based on characterization, not tested in production, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
3.
Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com