Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152RC Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32L152RC
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152RC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32L152RC Datasheet HTML 65Page - STMicroelectronics STM32L152RC Datasheet HTML 66Page - STMicroelectronics STM32L152RC Datasheet HTML 67Page - STMicroelectronics STM32L152RC Datasheet HTML 68Page - STMicroelectronics STM32L152RC Datasheet HTML 69Page - STMicroelectronics STM32L152RC Datasheet HTML 70Page - STMicroelectronics STM32L152RC Datasheet HTML 71Page - STMicroelectronics STM32L152RC Datasheet HTML 72Page - STMicroelectronics STM32L152RC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
STM32L151xC STM32L152xC
Electrical characteristics
Doc ID 022799 Rev 3
69/136
IDD (Stop)
Supply current in Stop
mode (RTC disabled)
Regulator in LP mode, HSI and
HSE OFF, independent watchdog
and LSI enabled
TA = -40°C to 25°C
1.6
2.2
µA
Regulator in LP mode, LSI, HSI
and HSE OFF (no independent
watchdog)
TA = -40°C to 25°C 0.65
1
TA = 55°C
1.3
3
TA= 85°C
4.4
9
TA = 105°C
10.0
22(5)
IDD
(WU from
Stop)
Supply current during
wakeup from Stop mode
MSI = 4.2 MHz
TA = -40°C to 25°C
2-
mA
MSI = 1.05 MHz
1.45
-
MSI = 65 kHz(6)
1.45
-
1.
Based on characterization, not tested in production, unless otherwise specified.
2.
LCD enabled with external VLCD, static duty, division ratio = 256, all pixels active, no LCD connected.
3.
LCD enabled with external VLCD, 1/8 duty, 1/3 bias, division ratio = 64, all pixels active, no LCD connected.
4.
Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF
loading capacitors.
5.
Tested in production.
6.
When MSI = 64 kHz, the RMS current is measured over the first 15 µs following the wakeup event. For the remaining part
of the wakeup period, the current corresponds the Run mode current.
Table 22.
Typical and maximum current consumptions in Stop mode (continued)
Symbol
Parameter
Conditions
Typ Max(1) Unit
Table 23.
Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1) Unit
IDD
(Standby
with RTC)
Supply current in Standby
mode with RTC enabled
RTC clocked by LSI (no
independent watchdog)
TA = -40 °C to 25 °C
1.3
1.9
µA
TA = 55 °C
1.44
2.2
TA= 85 °C
1.90
4
TA = 105 °C
3.05
8.3(2)
RTC clocked by LSE
external quartz(no
independent watchdog)(3)
TA = -40 °C to 25 °C
1.7
-
TA = 55 °C
1.84
-
TA= 85 °C
2.33
-
TA = 105 °C
3.59
-
IDD
(Standby)
Supply current in Standby
mode (RTC disabled)
Independent watchdog and
LSI enabled
TA = -40 °C to 25 °C
1
1.7
Independent watchdog and
LSI OFF
TA = -40 °C to 25 °C
0.35
0.6
TA = 55 °C
0.47
0.9
TA = 85 °C
1.2
2.75
TA = 105 °C
2.9
7(2)
IDD
(WU from
Standby)
Supply current during wakeup
time from Standby mode
TA = -40 °C to 25 °C
1
-
1.
Based on characterization, not tested in production, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com