Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152RC Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32L152RC
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152RC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32L152RC Datasheet HTML 5Page - STMicroelectronics STM32L152RC Datasheet HTML 6Page - STMicroelectronics STM32L152RC Datasheet HTML 7Page - STMicroelectronics STM32L152RC Datasheet HTML 8Page - STMicroelectronics STM32L152RC Datasheet HTML 9Page - STMicroelectronics STM32L152RC Datasheet HTML 10Page - STMicroelectronics STM32L152RC Datasheet HTML 11Page - STMicroelectronics STM32L152RC Datasheet HTML 12Page - STMicroelectronics STM32L152RC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
STM32L151xC STM32L152xC
Introduction
Doc ID 022799 Rev 3
9/136
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the medium density plus STM32L151xC and STM32L152xC ultra-low-power ARM
Cortex™-based microcontrollers product line. Medium density plus STM32L15xxC devices
are microcontrollers with a Flash memory density of 256 Kbytes.
The medium density plus ultra-low-power STM32L15xxC family includes devices in 9
different package types: from 48 pins to 144 pins. Depending on the device chosen, different
sets of peripherals are included, the description below gives an overview of the complete
range of peripherals proposed in this family.
These features make the medium density plus ultra-low-power STM32L15xxC
microcontroller family suitable for a wide range of applications:
●
Medical and handheld equipment
●
Application control and user interface
●
PC peripherals, gaming, GPS and sport equipment
●
Alarm systems, wired and wireless sensors, Video intercom
●
Utility metering
This STM32L151xC and STM32L152xC datasheet should be read in conjunction with the
STM32L1xxxx reference manual (RM0038). The document "Getting started with
STM32L1xxx hardware development" AN3216 gives a hardware implementation overview.
Both documents are available from the STMicroelectronics website www.st.com.
For information on the Cortex™-M3 core please refer to the Cortex™-M3 Technical
Reference Manual, available from the www.arm.com website at the following address:
http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0337g.
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com