Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152RC Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32L152RC
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152RC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32L152RC Datasheet HTML 98Page - STMicroelectronics STM32L152RC Datasheet HTML 99Page - STMicroelectronics STM32L152RC Datasheet HTML 100Page - STMicroelectronics STM32L152RC Datasheet HTML 101Page - STMicroelectronics STM32L152RC Datasheet HTML 102Page - STMicroelectronics STM32L152RC Datasheet HTML 103Page - STMicroelectronics STM32L152RC Datasheet HTML 104Page - STMicroelectronics STM32L152RC Datasheet HTML 105Page - STMicroelectronics STM32L152RC Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
Electrical characteristics
STM32L151xC STM32L152xC
102/136
Doc ID 022799 Rev 3
tS
Sampling time
Direct channels
2.4 V
≤ VDDA ≤ 3.6 V
0.25(5)
--
µs
Multiplexed channels
2.4 V
≤ VDDA ≤ 3.6 V
0.56(5)
--
Direct channels
1.8 V
≤ VDDA ≤ 2.4 V
0.56(5)
--
Multiplexed channels
1.8 V
≤ VDDA ≤ 2.4 V
1(5)
--
4-
384
1/fADC
tCONV
Total conversion time
(including sampling time)
fADC = 16 MHz
1
-
24.75
µs
4 to 384 (sampling
phase) +12 (successive
approximation)
1/fADC
CADC
Internal sample and hold
capacitor
Direct channels
-
16
-
pF
Multiplexed channels
-
-
fTRIG
External trigger frequency
Regular sequencer
12-bit conversions
-
-
Tconv+1 1/fADC
6/8/10-bit conversions
-
-
Tconv
1/fADC
fTRIG
External trigger frequency
Injected sequencer
12-bit conversions
-
-
Tconv+2 1/fADC
6/8/10-bit conversions
-
-
Tconv+1 1/fADC
RAIN
(6)
External input impedance
--
50
k
Ω
--
0.5
tlat
Injection trigger conversion
latency
fADC = 16 MHz
219
-
281
ns
3.5
-
4.5
1/fADC
tlatr
Regular trigger conversion
latency
fADC = 16 MHz
156
-
219
ns
2.5
-
3.5
1/fADC
tSTAB
Power-up time
-
-
3.5
µs
1.
The Vref+ input can be grounded if neither the ADC nor the DAC are used (this allows to shut down an
external voltage reference).
2.
The current consumption through VREF is composed of two parameters:
- one constant (max 300 µA)
- one variable (max 400 µA), only during sampling time + 2 first conversion pulses
So, peak consumption is 300+400 = 700 µA and average consumption is 300 + [(4 sampling + 2) /16] x
400 = 450 µA at 1Msps
3.
VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA, depending on
the package. Refer to Section 4: Pin descriptions for further details.
4.
VSSA or VREF- must be tied to ground.
5.
Minimum sampling and conversion time is reached for maximum Rext = 0.5 k
Ω.
6.
For 1 Msps, maximum Rext is 0.5 k
Ω.
Table 55.
ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com