Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 130 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 130 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 126Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 127Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 128Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 129Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 130Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 131Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 132Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 133Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 134Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 182 page
background image
Appendix B
Specifications
117
Connection Example 2 (Digital Switches)
This example shows how the ID212 DC Input Unit can be wired using digital switches. Just as the keys on the
keyboard can turn ON different combinations of bits, the digital switches can control different combinations of bits.
For example, the combination of inputs on switch no. 1 and input point 00 turn ON bit 00 of word n. (For the sake of
simplicity, the figure below shows the digital switches wired to control 32 bits instead of 64 bits as was shown in
Example 1.) Wire STB 4, STB 5, STB 6, and STB 7 to access an additional 32 bits.
+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
24 VDC
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
COM (+24)
STB 0
STB 1
STB 2
STB 3
STB 4
STB 5
STB 6
STB 7
COM (0 V)
+24 VDC
NC
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
8765
432
1
D C B A COM
Switch no.
8765
432
1
The following table shows the combinations enabled by wiring digital switches as shown.
Terminal Number
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
Word n
Switch no. 4
Switch no. 3
Switch no. 2
Switch no. 1
0
1
0
0
0
0
1
1
0
0
1
1
0
0
0
1
STB 1
STB 0
Word n + 1
Switch no. 8
Switch no. 7
Switch no. 6
Switch no. 5
1
0
0
0
0
1
1
1
0
1
1
0
0
1
0
1
STB 3
STB 2
These pulses are input to bits 0 through 7 of word n.
32 ms
4 ms
Data 0 through
7
STB 0
STB 1
STB 2
STB 3
STB 4
STB 5
STB 6
STB 7
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com