Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 133 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 133 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 129Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 130Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 131Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 132Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 133Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 134Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 135Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 136Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 137Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 182 page
background image
Appendix B
Specifications
120
AC/DC Input Units
Item
3G2A5-IM211
3G2A5-IM212
Input Voltage
12 to 24 VAC/DC +10%/–15%, 50/60 Hz
12 to 24 VAC/DC +10%/–15%, 50/60 Hz
Input Impedance
1.8
2.2 k
Input Current
10 mA typical (at 24 VDC)
10 mA typical (at 24 VDC)
ON Voltage
10.2 VDC min.
10.2 VDC min.
OFF Voltage
3.0 VDC max.
3.0 VDC max.
ON Delay
15 ms max.
15 ms max.
OFF Delay
15 ms max.
15 ms max.
No. of Inputs
16 (8 inputs/common, 2 circuits)
32 (8 inputs/common, 4 circuits)
Internal Current
Consumption
10 mA, 5 VDC max.
200 mA, 5 VDC max.
Weight
450 grams max.
500 grams max.
Circuit
Configuration
Inter-
nal
Circuit
1.8
k
1.8 k
IN 00
IN 06
IN 07
to
COM
1.8
k
1.8 k
IN 08
IN 14
IN 15
to
COM
Inter-
nal
Circuit
COM
COM
IN 00
to
IN 07
IN 15
2.2 k
680
2.2 k
680
IN 08
to
COM
COM
IN 00
to
IN 07
IN 15
IN 08
to
I
II
Terminal
Connections
~
~
15
COM
+
+
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+
+
19
NC
12 to 24
VAC/VDC
12 to 24
VAC/VDC
12 to 24
VAC/VDC
12 to 24
VAC/VDC
2
3
4
5
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
6
7
8
9
10
11
12
13
14
15
COM
COM
NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COM
A
B
II
I
~
+
~
+
~
~
+
+
+
+
+
+
12 to 24
VAC/VDC
12 to 24
VAC/VDC
Dimensions
A-shape
A-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com