Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 143 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 143 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 139Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 140Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 141Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 142Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 143Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 144Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 145Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 146Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 147Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 182 page
background image
Appendix B
Specifications
130
Transistor Output Units Continued
Item
C500-OD218
C500-OD219
Max. Switching
Capacity
12 to 24 VDC +10%/–15%, 0.3 A
(but, 2.4 A/common, 4.8 A/Unit)
12 to 24 VDC +10%/–15%, 2.1 A
(but, 8 A/common, 16 A/Unit)
Leakage Current
0.1 mA max.
0.1 mA max.
Residual Voltage
1.5 V max.
0.7 V max.
ON Delay
0.2 ms max.
0.2 ms max.
OFF Delay
0.3 ms max.
0.4 ms max.
No. of Outputs
32 (16 outputs/common, 2 circuits)
16 (8 outputs/common, 2 circuits)
Internal Current
Consumption
230 mA, 5 VDC max.
160 mA, 5 VDC max.
Fuse Capacity
1 per circuit, 2 total
(Cannot be changed by user.)
10 A, 250 V (two fuses)
Power for
External Supply
80 mA, 12 to 24 VDC
10% min.
100 mA, 12 to 24 VDC
10% min.
Weight
530 grams max.
550 grams max.
Circuit
Configuration
OUT 00
to
OUT 07
COM
(0 V)
OUT 08
OUT 15
12 to
24 VDC
to
COM
(0 V)
OUT 00
to
OUT 07
COM
(0 V)
OUT 08
OUT 15
12 to
24 VDC
to
COM
(0 V)
Internal
Circuit
Internal
Circuit
Internal
Circuit
I
II
Fuse
Fuse
Inter-
nal
Cir-
cuit I
Inter-
nal
Cir-
cuit
II
OUT 00
OUT 07
COM0
to
12 to 24
VDC
Fuse
OUT 08
OUT 15
COM1
to
12 to 24
VDC
Fuse
Inter-
nal
Cir-
cuit
II
Terminal
Connections
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
0
1
6
7
8
9
10
11
12
13
14
15
COM(0 V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
B
II
I
+
COM(0 V)
COM(0 V)
COM(0 V)
12 to 24 VDC
12 to 24 VDC
12 to 24
VDC
+
12 to 24
VDC
Note:
Be sure to sup-
ply power to A18
and B18.
A8, A17, B8, and
B17 are
short-circuited in-
ternally, so they
cannot be used
separately.
A8 and B8 do
not have to be
wired.
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
15
COM 1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+
19
COM 0
12 to 24
VDC
+
12 to 24 VDC
12 to 24 VDC
12 to 24
VDC
Note:
Be sure to supply
power to 18 and 19.
Dimensions
B-shape
A-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com