Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV500-SLK21 Datasheet(PDF) 144 Page - Omron Electronics LLC

Part # CV500-SLK21
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CV500-SLK21 Datasheet(HTML) 144 Page - Omron Electronics LLC

Back Button CV500-SLK21 Datasheet HTML 140Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 141Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 142Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 143Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 144Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 145Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 146Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 147Page - Omron Electronics LLC CV500-SLK21 Datasheet HTML 148Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 182 page
background image
Appendix B
Specifications
131
Transistor Output Units Continued
Item
C500-OD415CN
Max. Switching Capacity
12 to 48 VDC +10%/–15%, 0.3 A
(but, 2.4 A/common, 4.8 A/Unit)
Leakage Current
0.1 mA max.
Residual Voltage
1.5 V max.
ON Delay
0.2 ms max.
OFF Delay
0.3 ms max.
No. of Outputs
32 (16 outputs/common, 2 circuits)
Internal Current Consumption
230 mA, 5 VDC max.
Fuse Capacity
Not provided
Power for External Supply
80 mA, 12 to 48 VDC
10% min.
Weight
530 grams max.
Circuit Configuration
Inter-
nal
Circuit
Inter-
nal
Circuit
Inter-
nal
Circuit
OUT 00
to
OUT 07
COM 0
V 0
OUT 08
OUT 15
12 to
48 VDC
to
COM 1
V 1
I
II
OUT 00
to
OUT 07
COM 2
V 2
OUT 08
OUT 15
12 to
48 VDC
to
COM 3
V 3
Terminal Connections (CNI and
CNII)
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
B
A
COM
NC
+
V
1
COM
V
COM
V
I
II
Note: Power can be supplied to
either connector pins A9,
B9, A10, and B10 or to ter-
minal bock terminals 1 to 4.
If power is not supplied,
dark current will leak
through the load while the
output is OFF.
The following pins are con-
nected internally:
CNI: A9, B9, and terminal
2; A10, B10 and terminal 1.
CNII: A9, B9, and terminal
4; A10, B10 and terminal 3
Terminal Block
0
1
2
3
4
5
6
7
2
11
2
3
4
5
6
7
8
9
3
4
5
6
7
8
9
10 10
11
11
12 12
COM
V
NC
NC
NC
8
9
10
11
12
13
14
15
2
3
4
To common load
12 to 48 VDC
Dimensions
E-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com