Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 332 page
background image
General Description
Technical Data
MC68HC908JB16 — Rev. 1.1
36
General Description
Freescale Semiconductor
1.6.6 CGM Power Supply Pins (VDDA, VSSA0, VSSA1)
VDDA is the power supply pin, VSSA0 and VSSA1 are the ground pins for
the analog portion of the clock generator modules (CGMs). Connect
VDDA to the same voltage potential as VDD. Connect VSSA0 and VSSA1
pins to the same voltage potential as VSS. Decoupling of these pins
should be as per the digital supply.
1.6.7 CGM Voltage Regulator Out (VREGA0)
VREGA0 is the 3.3V output of the second on-chip voltage regulator.
VREGA0 is used for CGM1 and CGM2 operation. Decoupling of this pin
should be as per the digital VREG.
1.6.8 CGM Voltage Regulator In (VREGA1)
VREGA1 is the 3.3V input pin for CGM2. Connect VREGA1 directly to
VREGA0. Decoupling of VREGA1 pin should be as per VREGA0.
1.6.9 External Filter Capacitor Pins (CGMXFC1, CGMXFC2)
CGMXFC1 and CGMXFC2 are external capacitor connections for the
respective CGMs.
1.6.10 CGM Clock Output Pins (CGMOUT1, CGMOUT2)
CGMOUT1 and CGMOUT2 are buffered VCO outputs of the respective
CGMs.
1.6.11 Port A Input/Output (I/O) Pins (PTA7/KBA7–PTA0/KBA0)
PTA7/KBA7–PTA0/KBA0 are general-purpose bidirectional I/O port
pins. (See Section 14. Input/Output (I/O) Ports.) Each pin contains a
software configurable pullup device to VDD when the pin is configured as
an input. (See 14.7 Port Options.) Each pin can also be programmed
as an external keyboard interrupt pin. (See Section 16. Keyboard
Interrupt Module (KBI).)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com