Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 51Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 52Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 53Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 54Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 55Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 56Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 57Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 58Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 332 page
background image
Memory Map
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Memory Map
55
$FE08
FLASH Control Register
(FLCR)
Read:
0000
HVEN
MASS
ERASE
PGM
Write:
Reset:
00000000
$FE09
FLASH Block Protect
Register
(FLBPR)
Read:
BPR7
BPR6
BPR5
BPR4
BPR3
BPR2
BPR1
BPR0
Write:
Reset:
00000000
$FE0A
Reserved
Read:
RRRRRRRR
Write:
Reset:
$FE0B
Reserved
Read:
RRRRRRRR
Write:
Reset:
$FE0C
Break Address High
Register (BRKH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$FE0D
Break Address Low
Register (BRKL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$FE0E
Break Status and Control
Register
(BRKSCR)
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
$FFFF
COP Control Register
(COPCTL)
Read:
Low byte of reset vector
Write:
Clears COP counter (any value)
Reset:
Unaffected by reset
Addr.
Register Name
Bit 7
654321
Bit 0
U = Unaffected
X = Indeterminate
= Unimplemented
R
= Reserved
Figure 2-2. Control, Status, and Data Registers (Sheet 12 of 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com