Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 332 page
background image
General Description
Technical Data
MC68HC908JB16 — Rev. 1.1
38
General Description
Freescale Semiconductor
Summary of the pin functions are provided in Table 1-1.
Table 1-1. Summary of Pin Functions
PIN NAME
PIN DESCRIPTION
IN/OUT
VOLTAGE
LEVEL
VDD
Power supply.
IN
4.0 to 5.5V
VSS
Power supply ground.
OUT
0V
VREG
3.3V regulated output from MCU.
OUT
VREG (3.3V)
RST
Reset input, active low.
With internal pull-up and schmitt trigger input.
IN/OUT
VDD
IRQ
External IRQ pin; with programmable internal pull-up and
schmitt trigger input.
IN
VDD
Used for mode entry selection.
IN
VREG to VTST
OSC1
Crystal oscillator input.
IN
VREG
OSC2
Crystal oscillator output; inverting of OSC1 signal.
OUT
VREG
VDDA
(1)
Analog power supply.
IN
4.0 to 5.5V
VSSA0
(1)
VSSA1
(1)
Analog power supply ground.
OUT
0V
VREGA0
(1)
3.3V regulated output from MCU.
OUT
VREGA0 (3.3V)
VREGA1
(1)
3.3V input for CGM2.
IN
VREGA0
CGMXFC1(1)
CGM1 external filter capacitor connection.
OUT
VREGA0
CGMXFC2(1)
CGM2 external filter capacitor connection.
OUT
VREGA0
CGMOUT1(1)
CGM1 clock output.
OUT
VREGA0
CGMOUT2(1)
CGM2 clock output.
OUT
VREGA0
PTA0/KBA0
:
PTA7/KBA7
8-bit general purpose I/O port.
IN/OUT
VDD
Pins as keyboard interrupts, KBA0–KBA7.IN
VDD
Each pin has programmable internal pullup when configured
as input.
IN
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com