Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EARSZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3311EARSZ
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARSZ Datasheet(HTML) 4 Page - Analog Devices

  ADM3311EARSZ Datasheet HTML 1Page - Analog Devices ADM3311EARSZ Datasheet HTML 2Page - Analog Devices ADM3311EARSZ Datasheet HTML 3Page - Analog Devices ADM3311EARSZ Datasheet HTML 4Page - Analog Devices ADM3311EARSZ Datasheet HTML 5Page - Analog Devices ADM3311EARSZ Datasheet HTML 6Page - Analog Devices ADM3311EARSZ Datasheet HTML 7Page - Analog Devices ADM3311EARSZ Datasheet HTML 8Page - Analog Devices ADM3311EARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Data Sheet
Rev. I | Page 4 of 24
SPECIFICATIONS
VCC = 2.7 V to 3.6 V, C1 to C5 = 0.1 µF. All specifications TMIN to TMAX, unless otherwise noted.
Table 1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Operating Voltage Range
2.7
3.3
3.6
V
VCC Power Supply Current
ADM3307E
0.75
1.5
mA
VCC = 3.0 V to 3.6 V; no load
0.75
4.5
mA
VCC = 2.7 V to 3.6 V; no load
ADM3311E, ADM3312E
0.45
1
mA
No load; VCC = 3.0 V to 3.6 V; TA = 0°C to 85°C
0.45
4.5
mA
No load; VCC = 2.7 V to 3.6 V; TA = − 40°C to +85°C
ADM3310E, ADM3315E
0.35
0.85
mA
VCC = 2.7 V to 3.6 V; No load
ADM3310E, ADM3311E,
ADM3312E, ADM3315E
35
mA
RL = 3 kΩ to GND on all TOUTS
Shutdown Supply Current
0.02
1
µA
Input Pull-Up Current
10
25
µA
TIN = GND
Input Leakage Current, SD, EN
0.02
±1
µA
Input Logic Threshold Low, VINL
0.8
V
TIN, EN, SHDN
0.4
V
TIN, EN, SHDN; VCC = 2.7 V
Input Logic Threshold High, VINH
2.0
V
TIN, EN, SHDN
CMOS Output Voltage Low, VOL
0.4
V
IOUT = 1.6 mA
CMOS Output Voltage High, VOH
VCC − 0.6
V
IOUT = −200 µA
CMOS Output Leakage Current
ADM3307E
0.04
±1
µA
EN = VCC, 0 V < ROUT < VCC
ADM3310E, ADM3311E
0.05
±5
µA
EN = VCC, 0 V < ROUT < VCC
ADM3312E, ADM3315E
Charge Pump Output Voltage, V+
+7.25
V
No load
ADM3307E, ADM3311E, ADM3312E
Charge Pump Output Voltage, V−
−7.25
V
No load
ADM3307E, ADM3311E, ADM3312E
Charge Pump Output Voltage, V+
+6.5
V
No load
ADM3310E, ADM3315E
Charge Pump Output Voltage, V−
−6.5
V
No load
ADM3310E, ADM3315E
EIA-232 Input Voltage Range
−25
+25
V
EIA-232 Input Threshold Low
0.4
1.3
V
EIA-232 Input Threshold High
2.0
2.4
V
EIA-232 Input Hysteresis
0.14
V
EIA-232 Input Resistance
ADM3307E, ADM3310E, ADM3311E,
ADM3312E
3
5
7
kΩ
ADM3315E
14
22
31
kΩ
Output Voltage Swing
ADM3310E, ADM3315E
±5.0
±5.5
V
All transmitter outputs loaded with 3 kΩ to ground
ADM3307E, ADM3311E, ADM3312E
±5.0
±6.4
V
VCC = 3.0 V
±5.5
V
VCC = 2.7 V
All transmitter outputs loaded with 3 kΩ to ground
Transmitter Output Resistance
300
Ω
VCC = 0 V, VOUT = ±2 V
RS-232 Output Short-Circuit Current
±15
±60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com