Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EARSZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3311EARSZ
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3311EARSZ Datasheet HTML 6Page - Analog Devices ADM3311EARSZ Datasheet HTML 7Page - Analog Devices ADM3311EARSZ Datasheet HTML 8Page - Analog Devices ADM3311EARSZ Datasheet HTML 9Page - Analog Devices ADM3311EARSZ Datasheet HTML 10Page - Analog Devices ADM3311EARSZ Datasheet HTML 11Page - Analog Devices ADM3311EARSZ Datasheet HTML 12Page - Analog Devices ADM3311EARSZ Datasheet HTML 13Page - Analog Devices ADM3311EARSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Data Sheet
Rev. I | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
V+
SD
Figure 10. Charge Pump V+ Exiting Shutdown
SD
V–
Figure 11. Charge Pump V− Exiting Shutdown
9
7
5
3
1
–1
–3
–5
–7
–9
LOAD CURRENT (mA)
V+
V–
0
5
10
15
20
Figure 12. Charge Pump V+/ V− vs. Load Current (VCC = 3.3 V)
9
7
5
3
1
–1
–3
–5
–7
LOAD CAPACITANCE (pF)
TOUTHIGH
TOUTLOW
0
200
400
600
800
1000
Figure 13. Transmitter Output vs. Load Capacitance
(VCC = 3.3 V, Data Rate = 460 kbps)
LOAD CAPACITANCE (pF)
40
0
35
30
25
20
15
10
5
0
2500
2000
1500
1000
500
Figure 14. Slew Rate vs. Load Capacitance (VCC = 3.3 V)
25
20
15
10
5
0
LOAD CAPACITANCE (pF)
0
200
400
600
800
1000
1200
Figure 15. Supply Current vs. Load Capacitance (RL = 3 kΩ)
(VCC = 3.3 V, Data Rate = 460 kbps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com