Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EARSZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3311EARSZ
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3311EARSZ Datasheet HTML 3Page - Analog Devices ADM3311EARSZ Datasheet HTML 4Page - Analog Devices ADM3311EARSZ Datasheet HTML 5Page - Analog Devices ADM3311EARSZ Datasheet HTML 6Page - Analog Devices ADM3311EARSZ Datasheet HTML 7Page - Analog Devices ADM3311EARSZ Datasheet HTML 8Page - Analog Devices ADM3311EARSZ Datasheet HTML 9Page - Analog Devices ADM3311EARSZ Datasheet HTML 10Page - Analog Devices ADM3311EARSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Rev. I | Page 7 of 24
PRODUCT SELECTION GUIDE
Table 3. Product Selection Guide
Generic
Supply
Voltage
Tx
Rx
No. Rx
Active
in SD
Speed
15 kV ESD
ICC
Max
ICC
Shutdown
Max1
Additional Features
ADM3307E
2.7 V to 3.6 V
5
3
1
1 Mbps
RS-232 CMOS, EN,
and SD
1.5 mA
1 µA
±15 kV ESD protection, CMOS
on RS-232, and CMOS I/Os
including SD and EN pins
ADM3310E
2.7 V to 3.6 V
3
5
2
460 kbps
RS-232
0.85 mA
1 µA
2 Rxs active in shutdown, Green
Idle mode level 6 V, low power
ADM3311E
ADM3311E
2.7 V to 3.6 V
3
5
1
460 kbps
RS-232
1 mA
1 µA
ADM3312E
2.7 V to 3.6 V
3
3
1
460 kbps
RS-232
1 mA
1 µA
ADM3315E
2.7 V to 3.6 V
3
3
1
460 kbps
RS-232
0.85 mA
1 µA
22 kΩ Rx I/P resistance, Green
Idle mode level 6 V, low power
ADM3312E
1
ICC shutdown is 20 nA typically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com