Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EARSZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3311EARSZ
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARSZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3311EARSZ Datasheet HTML 9Page - Analog Devices ADM3311EARSZ Datasheet HTML 10Page - Analog Devices ADM3311EARSZ Datasheet HTML 11Page - Analog Devices ADM3311EARSZ Datasheet HTML 12Page - Analog Devices ADM3311EARSZ Datasheet HTML 13Page - Analog Devices ADM3311EARSZ Datasheet HTML 14Page - Analog Devices ADM3311EARSZ Datasheet HTML 15Page - Analog Devices ADM3311EARSZ Datasheet HTML 16Page - Analog Devices ADM3311EARSZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Rev. I | Page 13 of 24
CIRCUIT DESCRIPTION
The internal circuitry consists mainly of four sections. These
include the following:
 A charge pump voltage converter
 3.3 V logic to EIA-232 transmitters
 EIA-232 to 3.3 V logic receivers
 Transient protection circuit on all I/O lines
Charge Pump DC-to-DC Voltage Converter
The charge pump voltage converter consists of a 250 kHz (300 kHz
for ADM3307E) oscillator and a switching matrix. The converter
generates a ±9 V supply from the input 3.0 V level. This is done in
two stages using a switched capacitor technique. First, the 3.0 V
input supply is tripled to 9.0 V using Capacitor C4 as the charge
storage element. The +9.0 V level is then inverted to generate −9.0
V using C5 as the storage element.
However, it should be noted that, unlike other charge pump dc-
to-dc converters, the charge pump on the ADM3307E does not
run open-loop. The output voltage is regulated to ±7.25 V (or
±6.5 V for the ADM3310E and ADM3315E) by the Green Idle
circuit and never reaches ±9 V in practice. This saves power as
well as maintains a more constant output voltage.
+
GND
C2
C1
S1
S2
S3
S4
C4
VCC
S5
S6
S7
+
+
V+ = 3VCC
VCC
INTERNAL
OSCILLATOR
VCC
Figure 24. Charge Pump Voltage Tripler
The tripler operates in two phases. During the oscillator low
phase, S1 and S2 are closed and C1 charges rapidly to VCC. S3,
S4, and S5 are open, and S6 and S7 are closed.
During the oscillator high phase, S1 and S2 are open, and S3
and S4 are closed, so the voltage at the output of S3 is 2VCC. This
voltage is used to charge C2. In the absence of any discharge
current, C2 charges up to 2VCC after several cycles. During the
oscillator high phase, as previously mentioned, S6 and S7 are
closed, so the voltage at the output of S6 is 3VCC. This voltage is
then used to charge C3. The voltage inverter is illustrated in
Figure 25.
+
GND
C3
S8
S9
S10
S11
C5
V– = –(V+)
+
GND
V+
INTERNAL
OSCILLATOR
FROM
VOLTAGE
TRIPLER
Figure 25. Charge Pump Voltage Inverter
During the oscillator high phase, S10 and S11 are open, while
S8 and S9 are closed. C3 is charged to 3VCC from the output of
the voltage tripler over several cycles. During the oscillator low
phase, S8 and S9 are open, while S10 and S11 are closed. C3 is
connected across C5, whose positive terminal is grounded and
whose negative terminal is the V− output. Over several cycles,
C5 charges to −3 VCC.
The V+ and V− supplies may also be used to power external
circuitry if the current requirements are small. See Figure 12 in
the Typical Performance Characteristics section.
What Is Green Idle?
Green Idle is a method of minimizing power consumption
under idle (no transmit) conditions while still maintaining the
ability to transmit data instantly.
How Does it Work?
Charge pump type dc-to-dc converters used in RS-232 line
drivers normally operate open-loop, that is, the output voltage
is not regulated in any way. Under light load conditions, the
output voltage is close to twice the supply voltage for a doubler
and three times the supply voltage for a tripler, with very little
ripple. As the load current increases, the output voltage falls and
the ripple voltage increases.
Even under no-load conditions, the oscillator and charge pump
operate at a very high frequency with consequent switching
losses and current drain.
Green Idle works by monitoring the output voltage and
maintaining it at a constant value of around 7 V1. When the
voltage rises above 7.25 V2 the oscillator is turned off. When the
voltage falls below 7 V1, the oscillator is turned on and a burst of
charging pulses is sent to the reservoir capacitor. When the
oscillator is turned off, the power consumption of the charge
pump is virtually zero, so the average current drain under light
load conditions is greatly reduced.
1 For ADM3310E and ADM3315E, replace with 6.5 V.
2 For ADM3310E and ADM3315E, replace with 6.25 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com