Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EARSZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADM3311EARSZ
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARSZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM3311EARSZ Datasheet HTML 16Page - Analog Devices ADM3311EARSZ Datasheet HTML 17Page - Analog Devices ADM3311EARSZ Datasheet HTML 18Page - Analog Devices ADM3311EARSZ Datasheet HTML 19Page - Analog Devices ADM3311EARSZ Datasheet HTML 20Page - Analog Devices ADM3311EARSZ Datasheet HTML 21Page - Analog Devices ADM3311EARSZ Datasheet HTML 22Page - Analog Devices ADM3311EARSZ Datasheet HTML 23Page - Analog Devices ADM3311EARSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Data Sheet
Rev. I | Page 20 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADM3307EARU
−40°C to +85°C
28-Lead Thin Shrink Small Outline [TSSOP]
RU-28
ADM3307EARU-REEL7
−40°C to +85°C
28-Lead 7”Tape and Reel
RU-28
ADM3307EARUZ
−40°C to +85°C
28-Lead Thin Shrink Small Outline [TSSOP]
RU-28
ADM3307EARUZ-REEL
−40°C to +85°C
28-Lead 13”Tape and Reel
RU-28
ADM3307EARUZ-REEL7
−40°C to +85°C
28-Lead 7”Tape and Reel
RU-28
ADM3307EACPZ
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
ADM3307EACPZ-REEL
−40°C to +85°C
32-Lead LFCSP_WQ 13”Tape and Reel
CP-32-7
ADM3307EACPZ-REEL7
−40°C to +85°C
32-Lead LFCSP_WQ 7”Tape and Reel
CP-32-7
ADM3307EWARUZ-RL7
−40°C to +85°C
28-Lead 7”Tape and Reel
RU-28
ADM3310EARU
−40°C to +85°C
28-Lead Thin Shrink Small Outline [TSSOP]
RU-28
ADM3310EARUZ
−40°C to +85°C
28-Lead Thin Shrink Small Outline [TSSOP]
RU-28
ADM3310EARUZ-REEL
−40°C to +85°C
28-Lead TSSOP 13”Tape and Reel
RU-28
ADM3310EARUZ-REEL7
−40°C to +85°C
28-Lead TSSOP 7”Tape and Reel
RU-28
ADM3310EACPZ
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
ADM3310EACPZ-REEL
−40°C to +85°C
32-Lead LFCSP_WQ 13”Tape and Reel
CP-32-7
ADM3310EACPZ-REEL7
−40°C to +85°C
32-Lead LFCSP_WQ 7”Tape and Reel
CP-32-7
ADM3311EARS
−40°C to +85°C
28-Lead Shrink Small Outline [SSOP]
RS-28
ADM3311EARS-REEL
−40°C to +85°C
28-Lead SSOP 13”Tape and Reel
RS-28
ADM3311EARS-REEL7
−40°C to +85°C
28-Lead SSOP 7”Tape and Reel
RS-28
ADM3311EARSZ
−40°C to +85°C
28-Lead Shrink Small Outline [SSOP]
RS-28
ADM3311EARSZ-REEL
−40°C to +85°C
28-Lead SSOP 13”Tape and Reel
RS-28
ADM3311EARSZ-REEL7
−40°C to +85°C
28-Lead SSOP 7”Tape and Reel
RS-28
ADM3311EARU
−40°C to +85°C
28-Lead Thin Shrink Small Outline [TSSOP]
RU-28
ADM3311EARU-REEL
−40°C to +85°C
28-Lead TSSOP 13”Tape and Reel
RU-28
ADM3311EARU-REEL7
−40°C to +85°C
28-Lead TSSOP 7”Tape and Reel
RU-28
ADM3311EARUZ
−40°C to +85°C
28-Lead Thin Shrink Small Outline [TSSOP]
RU-28
ADM3311EARUZ-REEL
−40°C to +85°C
28-Lead TSSOP 13”Tape and Reel
RU-28
ADM3311EARUZ-REEL7
−40°C to +85°C
28-Lead TSSOP 7”Tape and Reel
RU-28
ADM3311EACPZ
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
ADM3311EACPZ-REEL
−40°C to +85°C
32-Lead LFCSP_WQ 13”Tape and Reel
CP-32-7
ADM3311EACPZ-REEL7
−40°C to +85°C
32-Lead LFCSP_WQ 7”Tape and Reel
CP-32-7
ADM3312EARU
−40°C to +85°C
24-Lead Thin Shrink Small Outline [TSSOP]
RU-24
ADM3312EARU-REEL7
−40°C to +85°C
24-Lead TSSOP 7”Tape and Reel
RU-24
ADM3312EARUZ
−40°C to +85°C
24-Lead Thin Shrink Small Outline [TSSOP]
RU-24
ADM3312EARUZ-REEL
−40°C to +85°C
24-Lead TSSOP 13”Tape and Reel
RU-24
ADM3312EARUZ-REEL7
−40°C to +85°C
24-Lead TSSOP 7”Tape and Reel
RU-24
ADM3312EACPZ
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
ADM3312EACPZ-REEL
−40°C to +85°C
32-Lead LFCSP_WQ 13”Tape and Reel
CP-32-7
ADM3312EACPZ-REEL7
−40°C to +85°C
32-Lead LFCSP_WQ 7”Tape and Reel
CP-32-7
ADM3315EARU
−40°C to +85°C
24-Lead Thin Shrink Small Outline [TSSOP]
RU-24
ADM3315EARU-REEL
−40°C to +85°C
24-Lead TSSOP 13”Tape and Reel
RU-24
ADM3315EARUZ
−40°C to +85°C
24-Lead Thin Shrink Small Outline [TSSOP]
RU-24
ADM3315EARUZ-REEL
−40°C to +85°C
24-Lead TSSOP 13”Tape and Reel
RU-24
ADM3315EARUZ-REEL7
−40°C to +85°C
24-Lead TSSOP 7”Tape and Reel
RU-24
ADM3315EACPZ
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
ADM3315EACPZ-REEL
−40°C to +85°C
32-Lead LFCSP_WQ 13”Tape and Reel
CP-32-7
ADM3315EACPZ-REEL7
−40°C to +85°C
32-Lead LFCSP_WQ 7”Tape and Reel
CP-32-7
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com