Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59PR9875N Datasheet(PDF) 23 Page - International Rectifier

Part # 59PR9875N
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9875N Datasheet(HTML) 23 Page - International Rectifier

Back Button 59PR9875N Datasheet HTML 19Page - International Rectifier 59PR9875N Datasheet HTML 20Page - International Rectifier 59PR9875N Datasheet HTML 21Page - International Rectifier 59PR9875N Datasheet HTML 22Page - International Rectifier 59PR9875N Datasheet HTML 23Page - International Rectifier 59PR9875N Datasheet HTML 24Page - International Rectifier 59PR9875N Datasheet HTML 25Page - International Rectifier 59PR9875N Datasheet HTML 26Page - International Rectifier 59PR9875N Datasheet HTML 27Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
IR3448
23
www.irf.com
© 2013 International Rectifier
August 01, 2013
Body Brake is overridden by the OVP latch, which
turns on the Sync FET.
MINIMUM ON TIME CONSIDERATIONS
The minimum ON time is the shortest amount of time
for Ctrl FET to be reliably turned on. This is very
critical parameter for low duty cycle, high frequency
applications. Conventional approach limits the pulse
width to prevent noise, jitter and pulse skipping. This
results to lower closed loop bandwidth.
IR has developed a proprietary scheme to improve
and enhance minimum pulse width which utilizes the
benefits of voltage mode control scheme with higher
switching frequency, wider conversion ratio and higher
closed loop bandwidth, the latter results in reduction
of output capacitors. Any design or application using
IR3448 must ensure operation with a pulse width that
is higher than the minimum on-time. This is necessary
for the circuit to operate without jitter and pulse-
skipping, which can cause high inductor current ripple
and high output voltage ripple.
s
in
out
s
on
F
PV
V
F
D
t
(5)
In any application that uses IR3448, the following
condition must be satisfied:
on
on
t
t
(min)
(6)
s
in
out
on
F
PV
V
t
(min)
(7)
(min)
on
out
s
in
t
V
F
PV
(8)
The minimum output voltage is limited by the
reference voltage and hence Vout(min) = 0.6V.
Therefore, for Vout(min) = 0.6V,
(min)
on
out
s
in
t
V
F
PV
(9)
S
V
nS
V
F
PV
s
in
/
12
50
6
.
0
Therefore, at the maximum recommended input
voltage 21V and minimum output voltage, the
converter should be designed at a switching
frequency that does not exceed 571 kHz. Conversely,
for
operation
at
the
maximum
recommended
operating frequency (1.5 MHz) and minimum output
voltage (0.6V). The input voltage (PVin) should not
exceed 8V, otherwise pulse skipping may happen.
MAXIMUM DUTY RATIO
A certain off-time is specified for IR3448. This
provides an upper limit on the operating duty ratio at
any given switching frequency. The off-time remains
at a relatively fixed ratio to switching period in low and
mid frequency range, while in high frequency range
this ratio increases, thus the lower the maximum duty
ratio at which IR3448 can operate. Figure 21 shows a
plot of the maximum duty ratio vs. the switching
frequency with built in input voltage feed forward
mechanism.
Figure 21: Maximum duty cycle vs. switching
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com