Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59PR9875N Datasheet(PDF) 46 Page - International Rectifier

Part # 59PR9875N
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9875N Datasheet(HTML) 46 Page - International Rectifier

Back Button 59PR9875N Datasheet HTML 41Page - International Rectifier 59PR9875N Datasheet HTML 42Page - International Rectifier 59PR9875N Datasheet HTML 43Page - International Rectifier 59PR9875N Datasheet HTML 44Page - International Rectifier 59PR9875N Datasheet HTML 45Page - International Rectifier 59PR9875N Datasheet HTML 46Page - International Rectifier 59PR9875N Datasheet HTML 47Page - International Rectifier 59PR9875N Datasheet HTML 48Page - International Rectifier 59PR9875N Datasheet HTML 49Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
IR3448
46
www.irf.com
© 2013 International Rectifier
August 01, 2013
STENCIL DESIGN
Stencils for PQFN can be used with
thicknesses of 0.100-0.250mm (0.004-0.010”).
Stencils thinner than 0.100mm are unsuitable
because they deposit insufficient solder paste
to make good solder joints with the ground
pad; high reductions sometimes create similar
problems. Stencils in the range of 0.125mm-
0.200mm
(0.005-0.008”),
with
suitable
reductions, give best results.
Evaluations have shown that the best overall
performance is achieved using the stencil
design shown in following figure. This design
for a stencil thickness of 0.127mm (0.005”).
The reduction should be adjusted for stencils
of other thicknesses.
SOLDER PASTE STENCIL
PAD SIZES (DETAIL 1)
SOLDER PASTE STENCIL
PAD SIZES (DETAIL 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com