Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59PR9875N Datasheet(PDF) 31 Page - International Rectifier

Part # 59PR9875N
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9875N Datasheet(HTML) 31 Page - International Rectifier

Back Button 59PR9875N Datasheet HTML 27Page - International Rectifier 59PR9875N Datasheet HTML 28Page - International Rectifier 59PR9875N Datasheet HTML 29Page - International Rectifier 59PR9875N Datasheet HTML 30Page - International Rectifier 59PR9875N Datasheet HTML 31Page - International Rectifier 59PR9875N Datasheet HTML 32Page - International Rectifier 59PR9875N Datasheet HTML 33Page - International Rectifier 59PR9875N Datasheet HTML 34Page - International Rectifier 59PR9875N Datasheet HTML 35Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
IR3448
31
www.irf.com
© 2013 International Rectifier
August 01, 2013
TYPICAL APPLICATION
INTERNALLY BIASED SINGLE SUPPLY
IR3448
Boot
SW
FB
VSNS
Vcc
PGood
Vin
PGND
AGND
CByp
Rt/Sync
Comp
RS+
RS-
RSo
Cpvin2
Cboot
Lo
Cout
Cbyp
Cvcc
Rpg
Rt
Cvin
39.2 K
10 K
10uF
100pF
Vin
0.1uF
6 x 47uF
0.4uH
5 x 22uF
Cpvin3
0.1uF
1uF
Ren1
7.5 K
Ren2
49.9 K
Cc3
220pF
Cc2
10nF
Cc1
2200pF
Rbode
20
Rfb2
5.76 K
Rfb1
5.76 K
Rsns2
5.76 K
Rsns1
5.76 K
Rc2
2 K
Rc1
88.7
Vo
PGood
Cpvin1
330uF
PVin
En
OCselect
Co1
0.1 uF
Rboot
2
Figure 28: Application circuit for a 12V to 1.2V, 16A Point of Load Converter Using the Internal LDO
Suggested Bill of Material for application circuit 12V to 1.2V
Part Reference
Qty
Value
Description
Manufacturer
Part Number
Cpvin1
1
330uF
SMD, electrolytic, 25V, 20%
Panasonic
EEV-FK1E331P
Cpvin2
5
22uF
1206, 25V, X5R, 10%
Murata
GRM31CR61E226KE15L
Cref
1
100pF
0603, 50V, C0G, 5%
Murata
GRM1885C1H101JA01D
Cvin
1
1.0uF
0603, 25V, X5R, 20%
Murata
GRM188R61E105KA12D
Cvcc
1
10uF
0603, 10V, X5R, 20%
TDK
C1608X5R1A106M
Cpvin3 Cboot Co1
3
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01D
Cc1
1
2200pF
0603, 50V, X7R, 10%
Murata
GRM188R71H222KA01D
Cc2
1
10nF
0603, 50V, X7R, 10%
Murata
GRM188R71H103KA01D
Cc3
1
220pF
0603, 50V, NPO, 5%
Murata
GRM1885C1H221JA01D
Cout1
6
47uF
0805, 6.3V, X5R, 20%
TDK
C2012X5R0J476M
L0
1
0.400uH
11 x 7.2 x 7.5mm,
DCR=0.29mΩ
Vitec
59PR9875N
Rbode
1
20
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF20R0V
Rboot
1
2
Thick Film, 0603, 1/10W, 5%
Panasonic
ERJ-3GEYJ2R0V
Rc1
1
88.7
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF88R7V
Rc2
1
2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF2001V
Ren1
1
7.5K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF7501V
Ren2
1
49.9K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4992V
Rfb1 Rfb2
Rsns1Rsns1
4
5.76K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF5761V
Rt
1
39.2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF3922V
Rpg
1
10K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1002V
U1
1
IR3448
PQFN 5x6mm
International
Rectifier
IR3448MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com