Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59PR9875N Datasheet(PDF) 28 Page - International Rectifier

Part # 59PR9875N
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9875N Datasheet(HTML) 28 Page - International Rectifier

Back Button 59PR9875N Datasheet HTML 24Page - International Rectifier 59PR9875N Datasheet HTML 25Page - International Rectifier 59PR9875N Datasheet HTML 26Page - International Rectifier 59PR9875N Datasheet HTML 27Page - International Rectifier 59PR9875N Datasheet HTML 28Page - International Rectifier 59PR9875N Datasheet HTML 29Page - International Rectifier 59PR9875N Datasheet HTML 30Page - International Rectifier 59PR9875N Datasheet HTML 31Page - International Rectifier 59PR9875N Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
IR3448
28
www.irf.com
© 2013 International Rectifier
August 01, 2013
VOUT
VREF
R6
R5
R4
C4
C2
C3
R3
Ve
FZ1
FZ
2
FP
2
FP
3
E
/ A
Zf
ZIN
Frequency
Gain (dB)
|H(s)| dB
Fb
Comp
Figure 27: Type III Compensation network and its
asymptotic gain plot
Again, the transfer function is given by:
IN
f
out
e
Z
Z
s
H
V
V
)
(
By replacing Zin and Zf, according to Figure 27, the
transfer function can be expressed as:




4
4
3
2
3
2
3
3
2
5
5
4
4
3
3
1
1
1
1
)
(
C
sR
C
C
C
C
sR
C
C
sR
R
R
sC
C
sR
s
H


(30)
The compensation network has three poles and two
zeros and they are expressed as follows:
0
1
P
F
(31)
4
4
2
2
1
C
R
F
P
(32)
2
3
3
2
3
2
3
3
2
1
2
1
C
R
C
C
C
C
R
F
P


(33)
3
3
1
2
1
C
R
F
Z
(34)

5
4
5
3
4
2
2
1
2
1
R
C
R
R
C
F
Z
(35)
Cross over frequency is expressed as:
o
o
ramp
in
o
C
L
V
V
C
R
F
2
1
4
3
(36)
Based on the frequency of the zero generated by the
output capacitor and its ESR, relative to the crossover
frequency, the compensation type can be different.
Table 2 shows the compensation types for relative
locations of the crossover frequency.
Table 2: Different types of compensators
Compensator
Type
FESR vs FO
Typical Output
Capacitor
Type II
FLC < FESR < FO <
FS/2
Electrolytic
Type III
FLC < FO < FESR
SP Cap,
Ceramic
The higher the crossover frequency is, the potentially
faster the load transient response will be. However,
the crossover frequency should be low enough to
allow attenuation of switching noise. Typically, the
control loop bandwidth or crossover frequency (Fo) is
selected such that:
s
o
F
F
*
1/10
~
1/5
The DC gain should be large enough to provide high
DC-regulation accuracy. The phase margin should be
greater than 45
o for overall stability.
The specifications for designing channel 1:
Vin = 12V
Vo = 1.2V
Vramp= 1.8V (This is a function of Vin, pls. see
Feed-Forward section)
Vref = 0.6V
β
= (RS+ - RS-) / Vo (This assumes the resistor
divider placed between Vout and the RSA
scales down the output voltage to Vref. If the
RSA is not used or Vout is connected directly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com