Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59PR9875N Datasheet(PDF) 26 Page - International Rectifier

Part # 59PR9875N
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9875N Datasheet(HTML) 26 Page - International Rectifier

Back Button 59PR9875N Datasheet HTML 22Page - International Rectifier 59PR9875N Datasheet HTML 23Page - International Rectifier 59PR9875N Datasheet HTML 24Page - International Rectifier 59PR9875N Datasheet HTML 25Page - International Rectifier 59PR9875N Datasheet HTML 26Page - International Rectifier 59PR9875N Datasheet HTML 27Page - International Rectifier 59PR9875N Datasheet HTML 28Page - International Rectifier 59PR9875N Datasheet HTML 29Page - International Rectifier 59PR9875N Datasheet HTML 30Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
IR3448
26
www.irf.com
© 2013 International Rectifier
August 01, 2013
Output Capacitor Selection
The voltage ripple and transient requirements
determine the output capacitors type and values. The
criterion is normally based on the value of the
Effective Series Resistance (ESR). However the
actual capacitance value and the Equivalent Series
Inductance (ESL) are other contributing components.
These components can be described as:

)
(C
o
ESL
o
ESR
o
o
V
V
V
V
ESR
I
V
L
ESR
)
(
0
ESL
L
V
V
V
o
in
ESL
)
(
0
s
o
L
C
F
C
I
V
8
)
(
0
(19)
Where:
∆V0 = Output Voltage Ripple
∆IL = Inductor Ripple Current
Since the output capacitor has a major role in the
overall performance of the converter and determines
the result of transient response, selection of the
capacitor is critical. The IR3448 can perform well with
all types of capacitors.
As a rule, the capacitor must have low enough ESR to
meet output ripple and load transient requirements.
The goal for this design is to meet the voltage ripple
requirement in the smallest possible capacitor size.
Therefore it is advisable to select ceramic capacitors
due to their low ESR and ESL and small size. Six of
TDK
C2012X5R0J476M
(47uF/0805/X5R/6.3V)
capacitors is a good choice.
It is also recommended to use a 0.1µF ceramic
capacitor at the output for high frequency filtering.
Feedback Compensation
The IR3448 is a voltage mode controller. The control
loop is a single voltage feedback path including error
amplifier and error comparator. To achieve fast
transient response and accurate output regulation, a
compensation circuit is necessary. The goal of the
compensation network is to provide a closed-loop
transfer function with the highest 0 dB crossing
frequency and adequate phase margin (greater than
45
o).
The output LC filter introduces a double pole, -
40dB/decade gain slope above its corner resonant
frequency, and a total phase lag of 180
o. The resonant
frequency of the LC filter is expressed as follows:
o
o
LC
C
L
F
2
1
(20)
Figure 25 shows gain and phase of the LC filter. Since
we already have 180
o phase shift from the output filter
alone, the system runs the risk of being unstable.
Phase
00
F
LC
0
Frequency
F
LC
Frequency
00
-180
0
0dB
-40dB/Decade
-90
Gain
Figure 25: Gain and Phase of LC filter
The IR3448 uses a voltage-type error amplifier with
high-gain and high-bandwidth. The output of the
amplifier is available for DC gain control and AC
phase compensation.
The error amplifier can be compensated either in type
II or type III compensation. Local feedback with Type
II compensation is shown in Figure 26.
This method requires that the output capacitor have
enough ESR to satisfy stability requirements. If the
output capacitor’s ESR generates a zero at 5kHz to
50kHz, the zero generates acceptable phase margin
and the Type II compensator can be used.
The ESR zero of the output capacitor is expressed as
follows:
o
ESR
C
ESR
F
2
1
(21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com