Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59PR9875N Datasheet(PDF) 29 Page - International Rectifier

Part # 59PR9875N
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9875N Datasheet(HTML) 29 Page - International Rectifier

Back Button 59PR9875N Datasheet HTML 25Page - International Rectifier 59PR9875N Datasheet HTML 26Page - International Rectifier 59PR9875N Datasheet HTML 27Page - International Rectifier 59PR9875N Datasheet HTML 28Page - International Rectifier 59PR9875N Datasheet HTML 29Page - International Rectifier 59PR9875N Datasheet HTML 30Page - International Rectifier 59PR9875N Datasheet HTML 31Page - International Rectifier 59PR9875N Datasheet HTML 32Page - International Rectifier 59PR9875N Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
IR3448
29
www.irf.com
© 2013 International Rectifier
August 01, 2013
to the RSA, β = 1. Please refer to the Remote
Sensing Amplifier section)
Lo
= 0.400 µH
Co = 6 x 47µF, ESR≈3mΩ each
It must be noted here that the value of the
capacitance used in the compensator design must be
the small signal value. For instance, the small signal
capacitance of the 47µF capacitor used in this design
is 25µF at 1.2 V DC bias and 600 kHz frequency. It is
this value that must be used for all computations
related to the compensation. The small signal value
may be obtained from the manufacturer’s datasheets,
design tools or SPICE models. Alternatively, they may
also be inferred from measuring the power stage
transfer function of the converter and measuring the
double pole frequency FLC and using equation (20) to
compute the small signal Co.
These result to:
FLC = 20.55 kHz
FESR = 1.87 MHz
Fs/2 = 300 kHz
Select crossover frequency F0=100 kHz
Since FLC<F0<Fs/2<FESR, Type III is selected to place
the pole and zeros.
Detailed calculation of compensation Type III:
Desired Phase Margin Θ = 76°
sin
1
sin
1
2
o
Z
F
F
12.3 kHz
sin
1
sin
1
2
o
P
F
F
814.4 kHz
Select:
2
1
5
.
0
Z
Z
F
F
6.14 kHz and
s
P
F
F
5
.
0
3
300 kHz
Select C4 = 2.2nF.
Calculate R3, C3 and C2:
in
osc
o
o
o
V
C
V
C
L
F
R
4
3
2
; R3 = 2.57 kΩ,
Select: R3 = 2 kΩ
3
1
3
2
1
R
F
C
Z
; C3 = 10.1 nF,
Select: C3 = 10 nF
3
3
2
2
1
R
F
C
P
; C2 = 206.4 pF,
Select: C2 = 220 pF
Calculate R4, R5 and R6:
2
4
4
2
1
P
F
C
R
; R4 = 88.8 Ω,
Select R4 = 88.7 Ω
2
4
5
2
1
Z
F
C
R
; R5 = 5.89 kΩ,
Select R5 = 5.76 kΩ
5
6
R
V
V
V
R
ref
o
ref
; R6 = 5.89 kΩ,
Select R6 = 5.76 kΩ
If (β x Vo) equals Vref, R6 is not used.
Setting the Power Good Threshold
In this design IR3448, the PGood outer limits are set
at 95% and 120% of VREF. PGood signal is asserted
1.3ms after Vsns voltage reaches 0.95*0.6V=0.57V
(Figure 28)
. As long as the Vsns voltage is between
the threshold ranges, Enable is high, and no fault
happens, the PGood remains high.
The following formula can be used to set the PGood
threshold. Vout (PGood_TH) can be taken as 95% of Vout.
Choose Rsns1=5.76 KΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com