Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9512BCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 32Page - Analog Devices AD9512BCPZ Datasheet HTML 33Page - Analog Devices AD9512BCPZ Datasheet HTML 34Page - Analog Devices AD9512BCPZ Datasheet HTML 35Page - Analog Devices AD9512BCPZ Datasheet HTML 36Page - Analog Devices AD9512BCPZ Datasheet HTML 37Page - Analog Devices AD9512BCPZ Datasheet HTML 38Page - Analog Devices AD9512BCPZ Datasheet HTML 39Page - Analog Devices AD9512BCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD9512
Rev. A | Page 36 of 48
CSB
SCLK
SDIO
tHI
tLO
tCLK
tS
tDS
tDH
tH
BI N
BI N + 1
Figure 37. Serial Control Port Timing—Write
Table 16. Serial Control Port Timing
Parameter
Description
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
tS
Setup time between CSB and SCLK
tH
Hold time between CSB and SCLK
tHI
Minimum period that SCLK should be in a logic high state
tLO
Minimum period that SCLK should be in a logic low state
CSB
CSB TOGGLE INDICATES
CYCLE COMPLETE
16 INSTRUCTION BITS + 8 DATA BITS
16 INSTRUCTION BITS + 8 DATA BITS
COMMUNICATION CYCLE 1
COMMUNICATION CYCLE 2
TIMING DIAGRAM FOR TWO SUCCESSIVE COMMUNICATION CYCLES. NOTE THAT CSB MUST
BE TOGGLED HIGH AND THEN LOW AT THE COMPLETION OF A COMMUNICATION CYCLE.
tPWH
SCLK
SDIO
Figure 38. Use of CSB to Define Communication Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com