Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9512BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 8Page - Analog Devices AD9512BCPZ Datasheet HTML 9Page - Analog Devices AD9512BCPZ Datasheet HTML 10Page - Analog Devices AD9512BCPZ Datasheet HTML 11Page - Analog Devices AD9512BCPZ Datasheet HTML 12Page - Analog Devices AD9512BCPZ Datasheet HTML 13Page - Analog Devices AD9512BCPZ Datasheet HTML 14Page - Analog Devices AD9512BCPZ Datasheet HTML 15Page - Analog Devices AD9512BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD9512
Rev. A | Page 12 of 48
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DELAY BLOCK ADDITIVE TIME JITTER1
Incremental additive jitter1
100 MHz Output
Delay FS = 1 ns (1600 μA, 1C) Fine Adj. 00000
0.61
ps
Delay FS = 1 ns (1600 μA, 1C) Fine Adj. 11111
0.73
ps
Delay FS = 2 ns (800 μA, 1C) Fine Adj. 00000
0.71
ps
Delay FS = 2 ns (800 μA, 1C) Fine Adj. 11111
1.2
ps
Delay FS = 3 ns (800 μA, 4C) Fine Adj. 00000
0.86
ps
Delay FS = 3 ns (800 μA, 4C) Fine Adj. 11111
1.8
ps
Delay FS = 4 ns (400 μA, 4C) Fine Adj. 00000
1.2
ps
Delay FS = 4 ns (400 μA, 4C) Fine Adj. 11111
2.1
ps
Delay FS = 5 ns (200 μA, 1C) Fine Adj. 00000
1.3
ps
Delay FS = 5 ns (200 μA, 1C) Fine Adj. 11111
2.7
ps
Delay FS = 11 ns (200 μA, 4C) Fine Adj. 00000
2.0
ps
Delay FS = 11 ns (200 μA, 4C) Fine Adj. 00100
2.8
ps
1 This value is incremental. That is, it is in addition to the jitter of the LVDS or CMOS output without the delay. To estimate the total jitter, the LVDS or CMOS output jitter
should be added to this value using the root sum of the squares (RSS) method.
SERIAL CONTROL PORT
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CSB, SCLK (INPUTS)
CSB and SCLK have 30 kΩ
internal pull-down resistors
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
110
μA
Input Logic 0 Current
1
μA
Input Capacitance
2
pF
SDIO (WHEN INPUT)
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
10
nA
Input Logic 0 Current
10
nA
Input Capacitance
2
pF
SDIO, SDO (OUTPUTS)
Output Logic 1 Voltage
2.7
V
Output Logic 0 Voltage
0.4
V
TIMING
Clock Rate (SCLK, 1/tSCLK)
25
MHz
Pulse Width High, tPWH
16
ns
Pulse Width Low, tPWL
16
ns
SDIO to SCLK Setup, tDS
2
ns
SCLK to SDIO Hold, tDH
1
ns
SCLK to Valid SDIO and SDO, tDV
6
ns
CSB to SCLK Setup and Hold, tS, tH
2
ns
CSB Minimum Pulse Width High, tPWH
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com