Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9512BCPZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 37Page - Analog Devices AD9512BCPZ Datasheet HTML 38Page - Analog Devices AD9512BCPZ Datasheet HTML 39Page - Analog Devices AD9512BCPZ Datasheet HTML 40Page - Analog Devices AD9512BCPZ Datasheet HTML 41Page - Analog Devices AD9512BCPZ Datasheet HTML 42Page - Analog Devices AD9512BCPZ Datasheet HTML 43Page - Analog Devices AD9512BCPZ Datasheet HTML 44Page - Analog Devices AD9512BCPZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AD9512
Rev. A | Page 41 of 48
Reg.
Addr.
(Hex)
Bit(s)
Name
Description
CLK1 AND CLK2
45
<0>
Clock Select
0: CLK2 Drives Distribution Section.
1: CLK1 Drives Distribution Section (Default).
45
<1>
CLK1 Power-Down
1 = CLK1 Input Is Powered Down (Default = 0b).
45
<2>
CLK2 Power-Down
1 = CLK2 Input Is Powered Down (Default = 0b).
45
<4:3>
Not Used.
45
<5>
All Clock Inputs Power-
Down
1 = Power-Down CLK1 and CLK2 Inputs and Associated Bias and Internal Clock Tree;
(Default = 0b).
45
<7:6>
Not Used.
46 (47)
(48) (49)
<7:0>
Not Used.
DIVIDERS
<3:0>
Divider High
Number of Clock Cycles Divider Output Stays High.
4A
OUT0
(4C)
(OUT1)
(4E)
(OUT2)
(50)
(OUT3)
(52)
(OUT4)
<7:4>
Divider Low
Number of Clock Cycles Divider Output Stays Low.
4A
OUT0
(4C)
(OUT1)
(4E)
(OUT2)
(50)
(OUT3)
(52)
(OUT4)
<3:0>
Phase Offset
Phase Offset (Default = 0000b).
4B
OUT0
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)
<4>
Start
Selects Start High or Start Low.
4B
OUT0
(Default = 0b).
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)
<5>
Force
Forces Individual Outputs to the State Specified in Start (Above).
This Function Requires That Nosync (Below) Also Be Set (Default = 0b).
4B
OUT0
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)
<6>
Nosync
Ignore Chip-Level Sync Signal (Default = 0b).
4B
OUT0
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com