Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9512BCPZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 36Page - Analog Devices AD9512BCPZ Datasheet HTML 37Page - Analog Devices AD9512BCPZ Datasheet HTML 38Page - Analog Devices AD9512BCPZ Datasheet HTML 39Page - Analog Devices AD9512BCPZ Datasheet HTML 40Page - Analog Devices AD9512BCPZ Datasheet HTML 41Page - Analog Devices AD9512BCPZ Datasheet HTML 42Page - Analog Devices AD9512BCPZ Datasheet HTML 43Page - Analog Devices AD9512BCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AD9512
Rev. A | Page 40 of 48
Reg.
Addr.
(Hex)
Bit(s)
Name
Description
36
<5:1>
Delay Fine Adjust
OUT4
Sets Delay Within Full Scale of the Ramp; There Are 32 Steps.
00000b => Zero Delay (Default).
11111b => Maximum Delay.
36
<7:6>
Not Used.
37 (38)
(39)
(3A) (3B)
(3C)
<7:0>
Not Used.
OUTPUTS
3D (3E)
(3F)
<1:0>
Power-Down LVPECL
OUT0
(OUT1)
(OUT2)
Mode
<1>
<0>
Description
Output
ON
0
0
Normal Operation.
ON
PD1
0
1
Test Only—Do Not Use.
OFF
PD2
1
0
Safe Power-Down.
Partial Power-Down; Use If Output Has
Load Resistors.
OFF
PD3
1
1
Total Power-Down.
Use Only If Output Has No Load Resistors.
OFF
Output Single-Ended Voltage Levels for LVPECL Outputs.
3D (3E)
(3F)
<3:2>
Output Level LVPECL
OUT0
(OUT1)
(OUT2)
<3>
<2>
Output Voltage (mV)
0
0
490
0
1
330
1
0
805 (Default)
1
1
650
3D (3E)
(3F)
<7:4>
Not Used.
40 (41)
<0>
Power-Down
LVDS/CMOS
OUT3
(OUT4)
Power-Down Bit for Both Output and LVDS Driver.
0 = LVDS/CMOS on (Default).
1 = LVDS/CMOS Power-Down.
40 (41)
<2:1>
Output Current Level
LVDS
OUT3
(OUT4)
<2>
<1>
Current (mA)
Termination (Ω)
0
0
1.75
100
0
1
3.5 (Default)
100
1
0
5.25
50
1
1
7
50
40 (41)
<3>
LVDS/CMOS Select
OUT3
(OUT4)
0 = LVDS (Default).
1 = CMOS.
40 (41)
<4>
Inverted CMOS Driver
OUT3
(OUT4)
Affects Output Only when in CMOS Mode.
0 = Disable Inverted CMOS Driver (Default).
1 = Enable Inverted CMOS Driver.
40 (41)
<7:5>
Not Used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com