Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9512BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 10Page - Analog Devices AD9512BCPZ Datasheet HTML 11Page - Analog Devices AD9512BCPZ Datasheet HTML 12Page - Analog Devices AD9512BCPZ Datasheet HTML 13Page - Analog Devices AD9512BCPZ Datasheet HTML 14Page - Analog Devices AD9512BCPZ Datasheet HTML 15Page - Analog Devices AD9512BCPZ Datasheet HTML 16Page - Analog Devices AD9512BCPZ Datasheet HTML 17Page - Analog Devices AD9512BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD9512
Rev. A | Page 14 of 48
POWER
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER-UP DEFAULT MODE POWER DISSIPATION
550
600
mW
Power-up default state; does not include power
dissipated in output load resistors. No clock.
POWER DISSIPATION
800
mW
All outputs on. Three LVPECL outputs @ 800 MHz,
two CMOS out @ 62 MHz (5 pF load). Does not include
power dissipated in external resistors.
850
mW
All outputs on. Three LVPECL outputs @ 800 MHz,
two CMOS out @ 125 MHz (5 pF load). Does not include
power dissipated in external resistors.
Full Sleep Power-Down
35
60
mW
Maximum sleep is entered by setting 0Ah<1:0> = 01b
and 58h<4> = 1b. This powers off all band gap
references. Does not include power dissipated in
terminations.
Power-Down (PDB)
60
80
mW
Set FUNCTION pin for PDB operation by setting
58h<6:5> = 11b. Pull PDB low. Does not include
power dissipated in terminations.
POWER DELTA
CLK1, CLK2 Power-Down
10
15
25
mW
Divider, DIV 2 − 32 to Bypass
23
27
33
mW
For each divider.
LVPECL Output Power-Down (PD2, PD3)
50
65
75
mW
For each output. Does not include dissipation
in termination (PD2 only).
LVDS Output Power-Down
80
92
110
mW
For each output.
CMOS Output Power-Down (Static)
56
70
85
mW
For each output. Static (no clock).
CMOS Output Power-Down (Dynamic)
115
150
190
mW
For each CMOS output, single-ended. Clocking at
62 MHz with 5 pF load.
CMOS Output Power-Down (Dynamic)
125
165
210
mW
For each CMOS output, single-ended. Clocking at
125 MHz with 5 pF load.
Delay Block Bypass
20
24
60
mW
Vs. delay block operation at 1 ns fs with maximum
delay; output clocking at 25 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com