Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC06E8-2S. Datasheet(PDF) 30 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 30 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 26Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 27Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 28Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 29Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 30Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 31Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 32Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 33Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 34Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
28
wall mounting
receptacle
Amphenol PT-SE, SP-SE, MS/PT-SE
Proprietary/MIL-C-26482, Series 1
bayonet coupling and crimp termination
cable
connecting
receptacle*
box mounting
receptacle
straight plug
jam nut
receptacle
breakaway
twist pull
plug
Amphenol® SE crimp type miniature connectors provide
performance and versatility needed for applications
demanding high reliability and crimp removable contacts.
These crimp contacts are rear insertable/front release and
are held in position by an MS approved spring tower reten-
tion system.
The MS/PT-SE Series is qualified to MIL-C-26482, Series 1 and
has all the outstanding design characteristics and quality of the
PT Series.
The SP-SE Series is a modification of the PT-SE, providing
special shells with a wide mounting flange for back panel
mounting.
A corrosion resistant electrically conductive finish of cadmium
plate with an olive drab chromate after-treatment is used on the
PT-SE and MS/PT-SE. The SP-SE is given a durable non-con-
ductive hard anodic “Alumilite”® coating which provides abra-
sion protection and resistance to corrosion.
Shell components for these series are aluminum. The depend-
able 5 key/keyway polarization with bayonet lock coupling
assures positive mating with no chance of cross plugging.
Spring tension provided by a wave washer in the coupling nut
ensures maintenance of interfacial seal between mating halves.
Both the insert and main joint gasket are molded from resilient
neoprene. This provides excellent moisture sealing at the gas-
ket and superior electrical isolation of the contact in the insert.
Both pins and sockets are machined from a copper alloy and
are gold plated. This gold plating eliminates contact corrosion
and offers an indefinite shelf life. Socket contacts for these
series are a closed entry design.
Breakaway style plug is available in PT-SE crimp.
The PT-SE, SP-SE and MS/PT-SE Series are intermateable
and intermountable with all existing Miniature Cylindrical Series
connectors except for the threaded coupling PC Series.
Refer to pages 4-11 for insert arrangement availability.
* This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com