Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC06E8-2S. Datasheet(PDF) 61 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 61 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 57Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 58Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 59Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 60Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 62Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 63Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 64Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 65Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
59
PC02H
hermetic box mounting receptacle
* PC02H-XX-XXX
** PC02Y-XX-XXX
All dimensions for reference only.
Shell
Size
Receptacle Front
View
Receptacle Side View
R
±.005
S
±.010
A
Thread
Class 2A
K
±.016
L
+.010
–.000
N
Dia.
+.000
–.005
T
±.010
Z
Max.
6
.469
.688
.3750 DS
.047
.469
.438
.062
.344
8
.594
.812
.5000 DS
.047
.469
.562
.062
.344
10
.719
.938
.6250 DS
.047
.469
.672
.062
.344
12
.812
1.031
.7500 DS
.047
.469
.781
.062
.344
14
.906
1.125
.8750 DS
.047
.469
.906
.062
.344
16
.969
1.219
1.0000 DS
.047
.469
1.031
.062
.344
18
1.062
1.312
1.1250 DS
.047
.469
1.156
.062
.344
20
1.156
1.438
1.2500 DS
.047
.469
1.250
.062
.344
22
1.250
1.562
1.3750 DS
.078
.469
1.375
.062
.377
To complete part number see how to order on page 61.
* Solder cup pin contacts without interfacial seal.
** Solder cup pin contacts with interfacial seal
RS
R
S
.120 ± .005 Dia.
4 Holes
A
L
K
Z
T
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com