Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC06E8-2S. Datasheet(PDF) 65 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 65 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 61Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 62Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 63Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 64Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 65Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 66Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 67Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 68Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 69Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
63
PC-SE, PC-CE
how to order
PC-SE, PC-CE
To more easily illustrate ordering procedure, part number
PC-SE00A-20-41PW (SR) is shown as follows:
PC-SE
00 SP –
20 – 41
P
W
(SR)
12
3
4
5
6
7
8
See code below:
1. Connector Type
“PC-SE” designates bright cadmium plated with clear chromate after
treatment, threaded coupling connector with crimp contacts, incorporat-
ing a spring tower retention system
“PC-CE” designates bright cadmium plated with clear chromate after
treatment, threaded coupkling connector with crimp contacts, incorpo-
rating a nylon waftr retention system to maintain contact postion
2. Shell Styles PC-SE - consult Amphenol for availability.
“00”
designates wall mounting receptacle
“01”
designates cable connecting receptacle†
“02”
designates box mounting receptacle
“06”
designates straight plug
“08”
designates 90 degree plug
2. Shell Style PC-CE - consult Amphenol for availability.
“06”
designates straight plug
3. Service Class
“SE”
designates environmental crimp
“SP”
designates potted type crimp
Both of the above are Amphenol ® proprietary versions of the MIL-C-
26482, Series 1 crimp contact connector and offer 7 lbs. contact reten-
tion for size 20 contacts; 9 lbs for size 16 contacts.)
4. Shell Size
“20”
designates shell size. Please contact Amphenol for complete
information, as there may be limitations in shell sizes with the PC-SE
and PC-CE series.
5. Insert Arrangement
Refer to pages 4-11 for insert availability.
“20 – 41” designates insert arrangement. (The number following the
hyphen is the number only that is used in the part number).
6. Contacts
“P”
designates pin contacts.
“S”
designates socket contacts.
7. Insert Rotation
Refer to page 7.
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from the “nor-
mal” position. No letter required for normal (no rotation) position.
8. “(SR)” designates strain relief clamp.
Indicate optional finishes as follows:
(001)
bright cadmium (standard on “PC”)
(003)
olive drab cadmium plate
(005)
anodic coating - Alumilite®
(011)
chromate treated (Iridite 14-2)
(014)
olive drab cadmium plate over nickel
(023)
electroless nickel
† This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com