Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC06E8-2S. Datasheet(PDF) 19 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 19 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 15Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 16Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 17Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 18Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 19Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 20Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 21Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 22Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 23Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
17
ND
L
ND
XL
TERMINATION ASSEMBLIES
“A” General Duty
PT06A-XX-XXX
SP06A-XX-XXX
PTG06A-XX-XXX
“A” (SR), “E” (SR), “P” (SR),
MS / “F” Strain Relief
PT06A-XX-XXX (SR)
SP06A-XX-XXX (SR)
PTG06A-XX-XXX (SR)
PT06E-XX-XXX (SR)
SP06E-XX-XXX (SR)
PTG06E-XX-XXX (SR)
PT06P-XX-XXX (SR)
SP06P-XX-XXX (SR)
PTG06P-XX-XXX (SR)
MS3116F-XX-XXX
“E” Open Wire Seal
PT06E-XX-XXX
SP06E-XX-XXX
PTG06E-XX-XXX
MS3116E-XX-XXX
“P” Potting Boot
PT06P-XX-XXX
SP06P-XX-XXX
PTG06P-XX-XXX
MS3116P-XX-XXX
“W” Cable Seal
PT06W-XX-XXX
SP06W-XX-XXX
PTG06W-XX-XXX
“J” Cable Seal
PT06J-XX-XXX
MS3116J-XX-XXX
* Available in PT06 only
All dimensions for reference only.
Shell
Size
Plug Front View
Plug Side View
Class “A”
S
Max.
J
L
Max.
Q Thread
Class 2A
Z
Max.
D
Min.
L
Max.
N
Max.
V Thread
Class A
6
.625
.353
.906
.3125-32 NEF
.594
.175
1.609
.462
.3750-32 NEF
8
.750
.353
.906
.4375-28 UNEF
.594
.297
1.609
.590
.5000-28 UNEF
10
.859
.353
.906
.5625-24 NEF
.594
.421
1.609
.717
.6250-24 NEF
12
1.013
.353
.906
.6875-24 NEF
.594
.546
1.609
.834
.7500-20 UNEF
14
1.156
.353
.906
.8125-20 UNEF
.594
.663
1.609
.970
.8750-20 UNEF
16
1.281
.353
.906
.9375-20 UNEF
.594
.787
1.609
1.088
1.0000-20 UNEF
18
1.319
.353
.906
1.0625-18 NEF
.594
.879
1.609
1.216
1.1875-18 NEF
20
1.531
.415
1.062
1.1875-18 NEF
.672
1.014
1.656
1.332
1.1875-18 NEF
22
1.656
.415
1.062
1.3125-18 NEF
.672
1.135
1.656
1.460
1.4375-18 NEF
24*
1.776
.415
1.125
1.4375-18 NEF
.672
1.259
1.750
1.587
1.4375-18 NEF
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR), MS / “F”
Class “E”, MS / “E”
Class “P”, MS / “P”
Class “W”, “J”
C
Thread
D
Min.
G
±.010
H
Max.
L
Max.
N
Max.
L
Max.
N
Max.
D
Min.
L
Max.
N
Max.
D
L
Max.
N
Max.
XL
Max.
Closed
Free
6
–
–
–
–
–
–
1.266
.440
.192
1.526
.484
–
–
–
–
–
8
6-32
.240
.125
.812
1.906
.550
1.266
.560
.317
1.526
.608
.168
.230
1.705
.547
2.271
10
6-32
.302
.188
.875
1.906
.675
1.266
.685
.434
1.526
.734
.205
.312
1.705
.675
2.271
12
6-32
.428
.312
1.000
1.906
.803
1.266
.813
.548
1.526
.858
.338
.442
1.848
.812
2.411
14
6-32
.552
.375
1.125
1.906
.920
1.266
.930
.673
1.526
.984
.416
.539
2.040
.940
2.599
16
6-32
.615
.500
1.188
2.047
1.047
1.266
1.057
.798
1.526
1.110
.550
.616
2.256
1.067
2.943
18
8-32
.740
.625
1.438
2.078
1.165
1.266
1.175
.899
1.526
1.234
.600
.672
2.486
1.194
3.172
20
8-32
.740
.625
1.438
2.250
1.290
1.438
1.301
1.024
1.546
1.360
.635
.747
2.844
1.322
3.610
22
8-32
.928
.750
1.625
2.250
1.418
1.438
1.430
1.149
1.546
1.484
.670
.846
3.000
1.449
3.766
24*
8-32
.990
.800
1.750
2.312
1.543
1.500
1.555
1.274
1.656
1.610
.740
.894
3.210
1.576
3.985
PT06 (MS3116)
SP06
straight plug
To complete part number see how to order on page 27.
S
L
ZQ
J
ND
.375 MIN
V
L
G
L
C
N
DH
L
N
N
L
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com