Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC06E8-2S. Datasheet(PDF) 49 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 49 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 45Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 46Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 47Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 48Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 49Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 50Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 51Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 52Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 53Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
47
D
C
B
E
L
A
H
K
L
PT08 CE
SP08 CE
90 degree plug
TERMINATION ASSEMBLIES
“CE” Open Wire Seal, “CE” (SR) Strain Relief
PT08CE-XX-XXX
SP08CE-XX-XXX
PT08CE-XX-XXX (SR)
SP08CE-XX-XXX (SR)
“CP” Potting Boot 75 °
PT08CP-XX-XXX
SP08CP-XX-XXX
All dimensions for reference only.
Shell
Size
Plug
Front View
Plug
Side View
G
Dia.
Max.
Class “CE”, “CE” (SR)
Class “CP”
B
±.031
C
+.010
–.025
D
±.062
E
+.047
–.025
L
±.057
A
±.025
H
±.015
K
±.015
L
Max.
8
.796
.655
.169
.941
.339
1.986
.469
.312
.438
1.906
10
.921
.749
.170
1.191
.393
2.080
.547
.438
.562
2.031
12
1.046
.812
.264
1.191
.450
2.165
.625
.516
.688
2.093
14
1.171
.905
.310
1.254
.519
2.313
.734
.625
.781
2.203
16
1.297
1.030
.330
1.316
.583
2.515
.750
.656
.890
2.250
18
1.422
1.015
.444
1.562
.621
2.623
.781
.703
1.000
2.296
20
1.562
1.077
.510
1.625
.683
2.739
.859
.766
1.125
2.343
22
1.672
1.139
.515
1.719
.739
2.785
.906
.812
1.234
2.390
24
1.797
1.265
.656
1.751
.797
3.024
1.169
.918
1.374
2.624
To complete part number see how to order on page 49.
All lockwire holes are .044 Dia. Min.
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com