Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC06E8-2S. Datasheet(PDF) 52 Page - Amphenol Corporation

Part # PC06E8-2S.
Description  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. Datasheet(HTML) 52 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 48Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 49Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 50Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 51Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 52Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 53Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 54Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 55Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 56Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
50
Amphenol PC
threaded coupling and solder termination
®
wall mounting
receptacle
cable
connecting
receptacle*
box mounting
receptacle
straight plug
jam nut
receptacle
Amphenol® PC Series threaded coupling miniature cylin-
drical connectors incorporate solder contacts. The PC dou-
ble stub threaded coupling system cannot be cross
threaded, and is mechanically assisted while engaging and
disengaging.
Shell components are aluminum. Bright cadmium plating to
QQ-P-416 with a clear chromate after-treatment provides a
golden colored conductive finish. Single key/keyway polariza-
tion represents maximum simplicity in a design proven in mil-
lions of AN connectors.
Both pins and sockets are machined from a copper alloy and
are gold plated. This gold plating eliminates contact corrosion
and offers an indefinite shelf life. Socket contacts for these
series are a closed entry design.
Both the insert and main joint gasket are molded from resilient
neoprene. This provides excellent moisture sealing at the gas-
ket and superior electrical insulation of the contacts in the
insert.
The PC is intermateable and intermountable within the PC
threaded coupling series.
Refer to pages 4-11 for insert arrangement availability.
* This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
PC-SE and PC-CE, which are threaded coupling and incorporate crimp
contacts, are briefly covered on pages 62 and 63. It is necessary to
contact Amphenol for ordering information on these types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com