Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640468 Datasheet(PDF) 65 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 65 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 61Page - Tyco Electronics 640468 Datasheet HTML 62Page - Tyco Electronics 640468 Datasheet HTML 63Page - Tyco Electronics 640468 Datasheet HTML 64Page - Tyco Electronics 640468 Datasheet HTML 65Page - Tyco Electronics 640468 Datasheet HTML 66Page - Tyco Electronics 640468 Datasheet HTML 67Page - Tyco Electronics 640468 Datasheet HTML 68Page - Tyco Electronics 640468 Datasheet HTML 69Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
65
Straight and Right-Angle
Low-Profile Post Headers
.156 [3.96] Centerline
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated natural
color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Post — Tin-plated brass
Related Product Data
Mating Plug Housings — Page 64
Number of
Dimension
Part Number
Positions
A
Bulk Pack
Tube Loaded (Pcs. per Tube)
Bulk Pack with Pegs
2
.310 [ 7.86]
1-1123723-2
1-1318300-2 (61)
1744057-2
3
.465 [11.82]
1-1123723-3
1-1318300-3 (40)
1744057-3
4.621 [15.78]
1-1123723-4
1-1318300-4 (30)
1744057-4
5.777 [19.74]
1-1123723-5
1-1318300-5 (24)
1744057-5
6
.933 [23.70]
1-1123723-6
1-1318300-6 (20)
1744057-6
7
1.089 [27.66]
1-1123723-7
1-1318300-7 (17)
1744057-7
8
1.245 [31.62]
1-1123723-8
1-1318300-8 (15)
1744057-8
9
1.401 [35.58]
1-1123723-9
1-1318300-9 (13)
1744057-9
10
1.557 [39.54]
1-1123723-0
1-1318300-0 (12)
1-1744057-0
11
1.713 [43.50]
1-1123723-1
1-1318300-1 (11)
1-1744057-1
12
1.871 [47.52]
1-647689-2*
—
1-1744057-2
* Consult Product Drawing for dimensional detail.
Post No. 1
.028 [0.7]
.244 [6.2]
.118 [3.0]
.146 [3.7]
.303 [7.7]
.077 [1.95]
.045
[1.14]
Sq. Post
.077 [1.95]
.156
[3.96]
Centerline
.268
[6.8]
.335
[8.5]
A
Straight
.156 [3.96] Centerline
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Post — Tin-plated brass
Related Product Data
Mating Plug Housings — Page 64
Number of
Dimension
Part Number
Positions
A
2
.312 [ 7.92]
647676-2
3
.468 [11.88]
647676-3
4.624 [15.84]
647676-4
5.780 [19.80]
647676-5
6
.935 [23.76]
647676-6
7
1.091 [27.72]
647676-7
8
1.247 [31.68]
647676-8
9
1.403 [35.64]
647676-9
10
1.559 [39.60]
1-647676-0
11
1.715 [43.56]
1-647676-1
12
1.871 [47.52]
1-647676-2
A
.339
[8.60]
.272
[6.90]
.020
[0.50]
.126
[3.20]
.142
[3.60]
.323
[8.20]
.339
[8.60]
.370
[9.40]
.126
± .004
[3.20
± 0.10]
.079
± .004
[2.00
± 0.10]
.045
[1.14]
Ref.
.156
[3.96]
.045
[1.14]
Post No. 1
Sq. Post
Right-Angle
Edge of Board
.
.350
[8.89]
Ø .065/.069
[1.65/1.75]
Typ.
.156
[3.96]
.
Recommended
PC Board Layout
AMP Economy Power (EP) Wire-to-Board Connector System (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Edge of Board
.190 [4.82]
.125 [3.18]
Typ.
.156 [3.96]
.069/.065
[1.75/1.65]
.066/.062
[1.68/1.57]
Typ.
.078 [1.98]
Recommended Mounting Hole Pattern
for .063 [1.6] Thick PC Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com