Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640468 Datasheet(PDF) 31 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 31 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 27Page - Tyco Electronics 640468 Datasheet HTML 28Page - Tyco Electronics 640468 Datasheet HTML 29Page - Tyco Electronics 640468 Datasheet HTML 30Page - Tyco Electronics 640468 Datasheet HTML 31Page - Tyco Electronics 640468 Datasheet HTML 32Page - Tyco Electronics 640468 Datasheet HTML 33Page - Tyco Electronics 640468 Datasheet HTML 34Page - Tyco Electronics 640468 Datasheet HTML 35Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
31
Product Facts
I
Low cost wire-to-board
interconnections
I
Wide wire range for single
contact
I
Tin and gold plated
contacts
I
Mates with specified MTA
and similar competitive
notched headers
I
Plastic latching feature in
housing helps prevent con-
tact backout
I
Locking ramps and polariz-
ing tabs are standard
I
For keying purposes use
keying plug 641994-1
(page 17)
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR7189
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 21 thru 29 and 32.
See page 15 for an explanation of
RoHS lead free equivalents.
®
.260
[6.60]
Ref.
.510
[12.95]
.190
[4.83]
A
.100
[2.54]
Typ.
.060
[1.52]
Typ.
Performance Data
Voltage Rating — 250 vac
Current Rating — 4 amp max.
Low-Level Resistance — 6 m
max. initial; 10 m
max. final
Insulation Resistance — 1000 M
min. initial; 100 M
min. final
Operating Temperature —
55 C to
105 C
Technical Documents
Product Specification
108-1948
Application Specification
114-13036
Instruction Sheet
408-8493
No. of
Dim.
Part
Pos.
A
Numbers
2
.220
1375820-2
5.59
3
.320
1375820-3
8.13
4
.420
1375820-4
10.67
5
.520
1375820-5
13.21
6
.620
1375820-6
15.75
7
.720
1375820-7
18.29
8
.820
1375820-8
20.83
9
.920
1375820-9
23.37
10
1.020
1-1375820-0
25.91
11
1.120
1-1375820-1
28.45
12
1.220
1-1375820-2
30.99
13
1.320
1-1375820-3
33.53
14
1.420
1-1375820-4
36.07
15
1.520
1-1375820-5
38.61
No. of
Dim.
Part
Pos.
A
Numbers
16
1.620
1-1375820-6
41.15
17
1.720
1-1375820-7
43.69
18
1.820
1-1375820-8
46.23
19
1.920
1-1375820-9
48.77
20
2.020
2-1375820-0
51.31
21
2.120
2-1375820-1
53.85
22
2.220
2-1375820-2
56.39
23
2.320
2-1375820-3
58.93
24
2.420
2-1375820-4
61.47
25
2.520
2-1375820-5
64.01
26
2.620
2-1375820-6
66.55
27
2.720
2-1375820-7
69.09
28
2.820
2-1375820-8
71.63
Application Tooling
Loose Piece Contacts —
Hand Tool No. 58517-3 (408-4064)
Strip Contacts —
AMP-O-LECTRIC Model “G”
Termination Machine*
Applicator No. 567373-3
(Request Catalog 65828)
AMP-O-MATIC Stripper-Crimper
Machine* Applicator No. 567910-1 or
567827-1 (with CQM) (Request Catalog
65004)
AMPOMATOR CLS IIIG Lead Making
Machine* (Request Catalog 82659)
*Requires applicators. For part
numbers, call Technical Support.
Contacts
Part Numbers
Tin Plated
15 Au Gold Plated
30 Au Gold Plated
1375819-1 (Strip)
1375819-2 (Strip)
1375819-3 (Strip)
1445336-1 (Loose Piece)
1445336-2 (Loose Piece) 1445336-3 (Loose Piece)
Material and Finish (RoHS Compliant)
Phosphor bronze, pretinned or .000015 [.00038] gold, over nickel
.000030 [0.00076] gold over nickel
Wire Range — 22–26 AWG [0.35–0.13 mm2]
Max. Ins. Dia. — .065 [1.65]
Housing*
Material (RoHS Compliant)
UL94V-0 rated, nylon, white
.195
[4.95]
.440
[11.17]
.016±.002
[.406±.051]
*Housings without polarizing tabs
may be manufactured upon
request. Minimums may apply.
Contact product engineering or
product manager for details.
.100 [2.54] Centerline CST-100 II Crimp Contacts and Housings
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com