Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640468 Datasheet(PDF) 66 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 66 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 62Page - Tyco Electronics 640468 Datasheet HTML 63Page - Tyco Electronics 640468 Datasheet HTML 64Page - Tyco Electronics 640468 Datasheet HTML 65Page - Tyco Electronics 640468 Datasheet HTML 66Page - Tyco Electronics 640468 Datasheet HTML 67Page - Tyco Electronics 640468 Datasheet HTML 68Page - Tyco Electronics 640468 Datasheet HTML 69Page - Tyco Electronics 640468 Datasheet HTML 70Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
66
Straight and Right-Angle
Low-Profile Post Headers,
High Temperature
.156 [3.96] Centerline
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated nylon,
high temperature, natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Post — Tin-plated brass
Related Product Data
Mating Plug Housings — Page 64
.156 [3.96] Centerline
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated nylon,
high temperature, natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Post — Tin-plated brass
Related Product Data
Mating Plug Housings — Page 64
Straight
Right-Angle
Number of
Dimension
Part Number
Positions
A
2
.312 [ 7.92]
1744055-2
3
.468 [11.88]
1744055-3
4.624 [15.84]
1744055-4
5
.780 [19.80]
1744055-5
6
.935 [23.76]
1744055-6
7
1.091 [27.72]
1744055-7
8
1.247 [31.68]
1744055-8
9
1.403 [35.64]
1744055-9
10
1.559 [39.60]
1-1744055-0
11
1.715 [43.56]
1-1744055-1
Number of
Dimension
Part Number
Positions
A
2
.312 [ 7.92]
1744056-2
3
.468 [11.88]
1744056-3
4.624 [15.84]
1744056-4
5.780 [19.80]
1744056-5
6
.935 [23.76]
1744056-6
7
1.091 [27.72]
1744056-7
8
1.247 [31.68]
1744056-8
9
1.403 [35.64]
1744056-9
10
1.559 [39.60]
1-1744056-0
11
1.715 [43.56]
1-1744056-1
12
1.871 [47.52]
1-1744056-2
Maximum Temperature Rating: 280°C
A
.339
[8.60]
Edge of Board
.575
[14.60]
.156
[3.96]
Typ.
.045
[1.14]
Sq. Post
Typ.
.059
[1.51]
.323
[8.21]
.156
[3.96]
.225
[5.72]
Ø .065/.069
[1.65/1.75]
.190
[4.82]
.303
[7.70]
.370
[9.40]
.145
[3.69]
Post No. 1
A
.339
[8.60]
Edge of Board
.617
[15.68]
.059
[1.51]
.323
[8.21]
.142
[3.60]
.350
[8.89]
Ø .065/.069
[1.65/1.75]
.190
[4.82]
.303
[7.70]
.370
[9.40]
Post No. 1
.156
[3.96]
Typ.
Typ.
.156
[3.96]
.045
[1.14]
Sq. Post
Recommended
PC Board Layout
Recommended
PC Board Layout
AMP Economy Power (EP) Wire-to-Board Connector System (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com