Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640468 Datasheet(PDF) 69 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 69 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 65Page - Tyco Electronics 640468 Datasheet HTML 66Page - Tyco Electronics 640468 Datasheet HTML 67Page - Tyco Electronics 640468 Datasheet HTML 68Page - Tyco Electronics 640468 Datasheet HTML 69Page - Tyco Electronics 640468 Datasheet HTML 70Page - Tyco Electronics 640468 Datasheet HTML 71Page - Tyco Electronics 640468 Datasheet HTML 72Page - Tyco Electronics 640468 Datasheet HTML 73Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
69
Plug Housing and
Post Header, High-Profile
1 Position Plug Housing
Part Number 1-1123823-1
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Related Product Data
Contacts — Page 64
Mating Post Header — See below
1 Position Post Header,
Straight
Part Numbers
1-1123824-1 (Bulk Pack)
1-1318831-1 (Tube Loaded,
55 pcs. per Tube)
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Post — Tin-plated brass
Related Product Data
Mating Plug Housing — See above
.571
[14.5]
.244 [6.2]
.169 [4.3]
.224 [5.7]
.039 [1.0]
.150 [3.8]
.207 [5.3]
Section X-X
Recommended PC Board Layout
Acceptable Board Thickness
.062 [1.57]
Soldering Side
Component Mounting Side
Section X-X
.528
[13.4]
.327 Max.
[8.3]
Urethane Coating Area
.337 [8.55]
.146 [3.7]
.118 [3.0]
.079-.032
±.004
[2-0.8
±0.1]
.079-.051+.004/-0
[2-1.3+0.1/-0]
.079-.142
±.004
[2-3.6
±0.1]
.315
±.004 [8.0±0.1]
.158
±.004 [4.0±0.1]
.128 [3.25]
.189 [4.8]
.045 [1.14] Sq. Post
PC Board
Eyelet
.118
[3.0]
.347
[8.8]
.252
[6.4]
.154 [3.9] Max. Dia.
.197 [5.0]
Max. Dia.
.063 +.004/-0 Dia. Punched Hole
[1.60 +0.1/-0]
.065 +.004/-0 Dia. Drilled Hole
[1.65 +0.1/-0]
Mating Height
(High-Profile)
Mating Height
.732 [18.6]
Potting Height
.327 [8.3] Max.
Retention Lock
AMP Economy Power (EP) Wire-to-Board Connector System (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com