Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640468 Datasheet(PDF) 60 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 60 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 56Page - Tyco Electronics 640468 Datasheet HTML 57Page - Tyco Electronics 640468 Datasheet HTML 58Page - Tyco Electronics 640468 Datasheet HTML 59Page - Tyco Electronics 640468 Datasheet HTML 60Page - Tyco Electronics 640468 Datasheet HTML 61Page - Tyco Electronics 640468 Datasheet HTML 62Page - Tyco Electronics 640468 Datasheet HTML 63Page - Tyco Electronics 640468 Datasheet HTML 64Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
60
Housings
Material (RoHS Compliant)
UL94V-0 rated, nylon, white
Notes:
1. Accepts either .045 [1.14]
square or round posts. Housings
mate with flat and friction lock
headers, or staked posts on .156
[3.96] centers.
2. Housings without ramp, with
polarizing tab, available upon
request. Minimums may apply.
3. Recommend contact:
Part No. 640252 for 1 thru 12
positions; Part No. 350980 for 13
thru 24 positions; Part No. 770476
for 1 thru 24 positions.
(A) With Locking Ramp/With Polarizing Tabs
(B) With Locking Ramp/Without Polarizing Tabs
(C) Without Locking Ramp/Without PolarizingTabs
.660
[16.76]
.100
[2.54]
.019
[0.48]
.250
[6.35]
12
22
3
4
.156
[3.96]
Typ.
.076
[1.93]
Typ.
A
.097
[2.46]
.037
[0.93]
Ref.
12
22
3
4
.660
[16.76]
.250
[6.35]
.100
[2.54]
.156
[3.96]
Typ.
.076
[1.93]
Typ.
A
.037
[0.93]
.097
[2.46]
Ref.
12
22
3
4
.660
[16.76]
.250
[6.35]
.156
[3.96]
Typ.
.076
[1.93]
A
Typ.
.060
[1.52]
For contacts, see page 59.
For mateability options, see
matrix on page 58.
For mating half visuals, for
connectors with locking
ramp, see pages 46, 47,
48, 50 and 52, (49 and 51
Front Bend Headers only.)
For mating half visuals,
for connectors without lock-
ing ramp, see pages 46
thru 52.
No. of
Housing
Description
Part Numbers*
Positions*
2–24
A
With Locking Ramp and Polarizing Tabs
770849
1–24
B
With Locking Ramp and without Polarizing Tabs
640250
C
Without Locking Ramp or Polarizing Tabs
640251
*Base Part Number Prefixes and Suffixes indicate number of contact positions, e.g. 2 Position = 0-xxxxxx-2 and
12 Position = 1-xxxxxx-2.
Note: Housings not for use with LID Contacts. Shown on page 62.
Note: Dim. A = 0.156
(No. of Positions – 1)
0.152
SL-156 Housings—Wire-to-Board
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com