Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640468 Datasheet(PDF) 14 Page - Tyco Electronics

Part # 640468
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640468 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button 640468 Datasheet HTML 10Page - Tyco Electronics 640468 Datasheet HTML 11Page - Tyco Electronics 640468 Datasheet HTML 12Page - Tyco Electronics 640468 Datasheet HTML 13Page - Tyco Electronics 640468 Datasheet HTML 14Page - Tyco Electronics 640468 Datasheet HTML 15Page - Tyco Electronics 640468 Datasheet HTML 16Page - Tyco Electronics 640468 Datasheet HTML 17Page - Tyco Electronics 640468 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
14
Material and Finish
Housing — UL94V-2 rated, nylon, see
below for color; or UL94V-0 rated,
nylon, black
Contacts — Phosphor bronze, post tin
plated, .000030 [0.00076] or .000015
[0.00038] post gold-plated over nickel
Closed End Connectors
.520
[13.21]
.275
[6.99]
.075
[1.91]
.245
[6.22]
.275
[6.99]
.184
[4.67]
.100
[2.54]
Typ.
A
.056
[1.42]
Without Polarizing Tabs
With Polarizing Tabs
.075
[1.91]
.228
[5.80]
.520
[13.21]
.275
[6.99]
.075
[1.91]
.245
[6.22]
.305
[7.75]
.184
[4.67]
.100
[2.54]
Typ.
A
.056
[1.42]
Without Polarizing Tabs
With Polarizing Tabs
.075
[1.91]
.228
[5.80]
Feed-Thru Connectors
Color Coding by
Wire Size for UL94V-2
Connectors
28 AWG — Green
26 AWG — Blue
24 AWG — White
22 AWG — Red
All wire sizes in UL94V-0 —
Black
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 20 thru 30.
Notes:
1. Refer to pages 70-74 for
approved wire listing.
2. For strain reliefs and dust covers,
see page 16.
3. For keying plugs, see page 17.
4. Other circuit sizes are available
upon request. Minimums may
apply.
5. Connector circuits can be molded
closed for keying purposes.
Minimums may apply.
6. Where no part numbers appear in
the chart, parts can be made
available upon request. Minimums
may apply.
7. To determine connector overall
length (dim. A), multiply .100 x the
number of circuits. Example: .100
x 10 circuits equals 1.000 inch
[25.4 mm].
MTA-100 IDC Connectors—Closed End and Feed-Thru
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com