| Electronic Components Datasheet Search |
|
DM163006 Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM163006 Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 320 page ![]() 2001 Microchip Technology Inc. Advance Information DS39541A-page 29 PIC18C601/801 3.0 RESET PIC18C601/801 devices differentiate between various kinds of RESET: a) Power-on Reset (POR) b) MCLR Reset during normal operation c) MCLR Reset during SLEEP d) Watchdog Timer (WDT) Reset during normal operation e) RESET Instruction f) Stack Full Reset g) Stack Underflow Reset Most registers are unaffected by a RESET. Their status is unknown on POR and unchanged by all other RESETS. The other registers are forced to a “RESET” state on Power-on Reset, MCLR, WDT Reset, MCLR Reset during SLEEP, and by the RESET instruction. Most registers are not affected by a WDT wake-up, since this is viewed as the resumption of normal oper- ation. Status bits from the RCON register, RI, TO, PD and POR, are set or cleared differently in different RESET situations, as indicated in Table 3-2. These bits are used in software to determine the nature of the RESET. See Table 3-3 for a full description of the RESET states of all registers. A simplified block diagram of the on-chip RESET circuit is shown in Figure 3-1. PIC18C601/801 has a MCLR noise filter in the MCLR Reset path. The filter will detect and ignore small pulses. A WDT Reset does not drive MCLR pin low. FIGURE 3-1: SIMPLIFIED BLOCK DIAGRAM OF THE ON-CHIP RESET CIRCUIT S R Q External Reset MCLR VDD OSC1 VDD Rise Detect OST/PWRT On-chip RC OSC(1) WDT Time-out Power-on Reset OST 10-bit Ripple Counter PWRT Chip_Reset 10-bit Ripple Counter Reset Enable OST(2) Enable PWRT SLEEP Note 1: This is a separate oscillator from the RC oscillator of the CLKI pin. 2: See Table 3-1 for time-out situations. RESET Instruction Stack Pointer Stack Full/Underflow Reset WDT Module |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |