Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM163006 Datasheet(PDF) 20 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 20 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 16Page - Microchip Technology DM163006 Datasheet HTML 17Page - Microchip Technology DM163006 Datasheet HTML 18Page - Microchip Technology DM163006 Datasheet HTML 19Page - Microchip Technology DM163006 Datasheet HTML 20Page - Microchip Technology DM163006 Datasheet HTML 21Page - Microchip Technology DM163006 Datasheet HTML 22Page - Microchip Technology DM163006 Datasheet HTML 23Page - Microchip Technology DM163006 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 320 page
background image
PIC18C601/801
DS39541A-page 20
Advance Information
 2001 Microchip Technology Inc.
PORTJ is a bi-directional I/O port.
RJ0/D0
RJ0
D0
——
39
52
I/O
I/O
ST
TTL
Digital I/O.
System bus data bit 0.
RJ1/D1
RJ1
D1
——
40
53
I/O
I/O
ST
TTL
Digital I/O.
System bus data bit 1.
RJ2/D2
RJ2
D2
——
41
54
I/O
I/O
ST
TTL
Digital I/O.
System bus data bit 2.
RJ3/D3
RJ3
D3
——
42
55
I/O
I/O
ST
TTL
Digital I/O.
System bus data bit 3.
RJ4/D4
RJ4
D4
——
59
73
I/O
I/O
ST
TTL
Digital I/O.
System bus data bit 4.
RJ5/D5
RJ5
D5
——
60
74
I/O
I/O
ST
TTL
Digital I/O.
System bus data bit 5.
RJ6/D6
RJ6
D6
——
61
75
I/O
I/O
ST
TTL
Digital I/O.
System bus data bit 6.
RJ7/D7
RJ7
D7
——
62
76
I/O
I/O
ST
TTL
Digital I/O.
System bus data bit 7.
VSS
9, 25,
41, 56
19, 36,
53, 68
11,31,
51, 70
23, 44,
65, 84
P
—
Ground reference for logic and I/O pins.
VDD
10,26,
38, 57
2, 20,
37, 49
12,32,
48, 71
2, 24,
45, 61
P
—
Positive supply for logic and I/O pins.
AVSS
20
30
26
38
P
—
Ground reference for analog modules.
AVDD
19
29
25
37
P
—
Positive supply for analog modules.
TABLE 1-2:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
PIC18C601
PIC18C801
TQFP
PLCC
TQFP
PLCC
Description
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com