Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM163006 Datasheet(PDF) 19 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 19 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 15Page - Microchip Technology DM163006 Datasheet HTML 16Page - Microchip Technology DM163006 Datasheet HTML 17Page - Microchip Technology DM163006 Datasheet HTML 18Page - Microchip Technology DM163006 Datasheet HTML 19Page - Microchip Technology DM163006 Datasheet HTML 20Page - Microchip Technology DM163006 Datasheet HTML 21Page - Microchip Technology DM163006 Datasheet HTML 22Page - Microchip Technology DM163006 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 19
PIC18C601/801
PORTG is a bi-directional I/O port.
RG0/ALE
RG0
ALE
312516
I/O
O
ST
TTL
Digital I/O.
Address Latch Enable.
RG1/OE
RG1
OE
413617
I/O
O
ST
TTL
Digital I/O.
Output Enable.
RG2/WRL
RG2
WRL
514718
I/O
O
ST
TTL
Digital I/O.
Write Low control.
RG3/WRH
RG3
WRH
615819
I/O
O
ST
TTL
Digital I/O.
Write High control.
RG4/BA0
RG4
BA0
8
171021
I/O
O
ST
TTL
Digital I/O.
System bus byte address 0.
PORTH is a bi-directional I/O port.
RH0/A16
RH0
A16
——
79
10
I/O
O
ST
TTL
Digital I/O.
External memory address 16.
RH1/A17
RH1
A17
——
80
11
I/O
O
ST
—
Digital I/O.
External memory address 17.
RH2/A18
RH2
A18
——
112
I/O
O
ST
—
Digital I/O.
External memory address 18.
RH3/A19
RH3
A19
——
213
I/O
O
ST
—
Digital I/O.
External memory address 19.
RH4/AN8
RH4
AN8
——
19
31
I/O
I
ST
Analog
Digital I/O.
Analog input 8.
RH5/AN9
RH5
AN9
——
20
32
I/O
I
ST
Analog
Digital I/O.
Analog input 9.
RH6/AN10
RH6
AN10
——
21
33
I/O
I
ST
Analog
Digital I/O.
Analog input 10.
RH7/AN11
RH7
AN11
——
22
34
I/O
I
ST
Analog
Digital I/O.
Analog input 11.
TABLE 1-2:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
PIC18C601
PIC18C801
TQFP
PLCC
TQFP
PLCC
Description
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com